Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8765ETI+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8765ETI+
Description  Low-Cost Multichemistry Battery Chargers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8765ETI+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8765ETI+ Datasheet HTML 3Page - Maxim Integrated Products MAX8765ETI+ Datasheet HTML 4Page - Maxim Integrated Products MAX8765ETI+ Datasheet HTML 5Page - Maxim Integrated Products MAX8765ETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX8765ETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX8765ETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX8765ETI+ Datasheet HTML 9Page - Maxim Integrated Products MAX8765ETI+ Datasheet HTML 10Page - Maxim Integrated Products MAX8765ETI+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ELECTRICAL CHARACTERISTICS
(VDCIN = VCSSP = VCSSN = 18V, VBATT = VCSIP = VCSIN = 12V, VREFIN = 3V, VVCTL = VICTL = 0.75 x VREFIN, CELLS = open, CLS =
REF, VBST - VLX = 4.5V, ACIN = GND = PGND = 0, CLDO = 1µF, LDO = DLOV, CREF = 1µF; CCI, CCS, and CCV are compensated
per Figure 1a; TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE-VOLTAGE REGULATION
VVCTL = VREFIN
-0.6
+0.6
VVCTL = VREFIN/20
-0.6
+0.6
Battery Regulation Voltage
Accuracy (2, 3, or 4 Cells)
VVCTL = VLDO
-0.6
+0.6
%
REFIN Range
(Note 1)
2.5
3.6
V
REFIN Undervoltage Lockout
VREFIN falling
1.92
V
CHARGE CURRENT REGULATION
CSIP-to-CSIN Full-Scale Current-
Sense Voltage
VICTL = VREFIN
70.5
79.5
mV
VICTL = VREFIN
-6
+6
VICTL = VREFIN x 0.6
-7.5
+7.5
VICTL = VLDO
-7.5
+7.5
MAX8765/MAX8765A only; VICTL = VREFIN x
0.036
-50
+50
Charging-Current Accuracy
MAX8724 only;
VICTL = VREFIN x 0.058
-33
+33
%
Charge-Current Gain Error
(MAX8765/MAX8765A Only)
-2
+2
%
Charge-Current Offset
(MAX8765/MAX8765A Only)
-2
+2
mV
BATT/CSIP/CSIN Input Voltage
Range
0
19
V
VDCIN = 0V or VICTL = 0V or VSHDN = 0V
1
CSIP/CSIN Input Current
Charging
650
µA
Cycle-by-Cycle Maximum Current
Limit
IMAX
RS2 = 0.015
6.0
7.5
A
ICTL Power-Down Mode
Threshold Voltage
(MAX1908/MAX8724 Only)
VICTL rising
REFIN/
100
REFIN/
33
V
ICHG Transconductance
(MAX1908/MAX8724 Only)
GICHG
VCSIP - VCSIN = 45mV
2.7
3.3
µA/mV
ICHG Transconductance
(MAX8765/MAX8765A Only)
GICHG
VCSIP - VCSIN = 45mV
2.785
3.225
µA/mV
ICHG Transconductance Error
(MAX8765/MAX8765A Only)
-7.5
+7.5
%
ICHG Transconductance Offset
(MAX8765/MAX8765A Only)
-6.5
+6.5
µA
Low-Cost Multichemistry Battery Chargers
_______________________________________________________________________________________
7


Similar Part No. - MAX8765ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8765ETI MAXIM-MAX8765ETI Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
More results

Similar Description - MAX8765ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
   Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
   Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
logo
Motorola, Inc
AN1593 MOTOROLA-AN1593 Datasheet
212Kb / 8P
   LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com