Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX944CPD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX944CPD
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX944CPD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX944CPD Datasheet HTML 6Page - Maxim Integrated Products MAX944CPD Datasheet HTML 7Page - Maxim Integrated Products MAX944CPD Datasheet HTML 8Page - Maxim Integrated Products MAX944CPD Datasheet HTML 9Page - Maxim Integrated Products MAX944CPD Datasheet HTML 10Page - Maxim Integrated Products MAX944CPD Datasheet HTML 11Page - Maxim Integrated Products MAX944CPD Datasheet HTML 12Page - Maxim Integrated Products MAX944CPD Datasheet HTML 13Page - Maxim Integrated Products MAX944CPD Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
High-Speed, Low-Power, 3V/5V, Rail-to-Rail,
Single-Supply Comparators
10
______________________________________________________________________________________
Chip Information
PROCESS: BiPOLAR
Ordering Information (continued)
PART
TEMP RANGE
PIN-
PACKAGE
MAX942MSA/PR
-55°C to +125°C
8 SO
MAX942CPA
0°C to +70°C
8 Plastic DIP
MAX942CSA
0°C to +70°C
8 SO
MAX942EPA
-40°C to +85°C
8 Plastic DIP
MAX942ESA
-40°C to +85°C
8 SO
MAX942EUA-T
-40°C to +85°C
8 µMAX
MAX942AUA-T
-40°C to +125°C
8 µMAX
MAX944CPD
0°C to +70°C
14 Plastic DIP
MAX944CSD
0°C to +70°C
14 SO
MAX944EPD
-40°C to +85°C
14 Plastic DIP
MAX944ESD
-40°C to +85°C
14 SO


Similar Part No. - MAX944CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX944CPD MAXIM-MAX944CPD Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX944CPD MAXIM-MAX944CPD Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
More results

Similar Description - MAX944CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com