Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4390 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4390
Description  Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4390 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4390 Datasheet HTML 1Page - Maxim Integrated Products MAX4390 Datasheet HTML 2Page - Maxim Integrated Products MAX4390 Datasheet HTML 3Page - Maxim Integrated Products MAX4390 Datasheet HTML 4Page - Maxim Integrated Products MAX4390 Datasheet HTML 5Page - Maxim Integrated Products MAX4390 Datasheet HTML 6Page - Maxim Integrated Products MAX4390 Datasheet HTML 7Page - Maxim Integrated Products MAX4390 Datasheet HTML 8Page - Maxim Integrated Products MAX4390 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Ultra-Small, Low-Cost, 85MHz Op Amps with
Rail-to-Rail Outputs and Disable
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ..................................-0.3V to +12V
IN_+, IN_-, OUT_,
DISABLE.............(VEE - 0.3V) to (VCC + 0.3V)
Differential Input Voltage ....................................................±2.5V
Current into Input Pins ......................................................±20mA
Output Short-Circuit Duration to
VCC or VEE (Note 1)................................................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
6-Pin SOT23 (derate 8.7mW/°C above +70°C)............696mW
6-Pin SC70 (derate 3.1mW/°C above +70°C) ..............245mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
14-Pin SO (derate 8.33mW/°C above +70°C)..............667mW
14-Pin TSSOP (derate 10mW/°C above +70°C) ..........727mW
20-Pin TSSOP (derate 10.9mW/°C above +70°C) .......879mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS—Single Supply
(VCC = 5V, VEE = 0V, VCM = VCC/2, VOUT = VCC/2, RL = ∞ to VCC/2, DISABLE_ = VCC (MAX4389/MAX4393/MAX4394/MAX4396),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common-Mode Voltage
Range
VCM
Guaranteed by CMRR test
VEE -
0.2
VCC -
2.25
V
TA = +25°C
5
18
Input Offset Voltage
VOS
TA = -40°C to +85°C
26
mV
Input Offset Voltage Matching
MAX4392–MAX4396
1
mV
Input Offset Voltage Tempco
TCVOS
15
µV/°C
Input Bias Current
IB
2.5
15
µA
Input Offset Current
IOS
0.2
5
µA
Differential mode (-1V
≤ VIN ≤ +1V)
70
k
Ω
Input Resistance
RIN
Common mode (-0.2V
≤ VCM ≤ +2.75V)
3
M
Ω
Common-Mode Rejection Ratio
CMRR
(VEE - 0.2V)
≤ VCM ≤ (VCC - 2.25V)
70
95
dB
0.25V
≤ VOUT ≤ 4.75V, RL = 2kΩ
50
70
0.8V
≤ VOUT ≤ 4.5V, RL = 150Ω
50
60
Open-Loop Gain
AVOL
1V
≤ VOUT ≤ 4V, RL = 50Ω
58
dB
VCC - VOH
0.065
0.25
RL = 2k
Ω
VOL - VEE
0.05
0.15
VCC - VOH
0.3
0.5
RL = 150
Ω
VOL - VEE
0.25
0.5
VCC - VOH
0.5
0.8
RL = 75
Ω
VOL - VEE
0.45
0.8
VCC - VOH
1
1.7
Output Voltage Swing
VOUT
RL = 75
Ω to
ground
VOL - VEE
0.025
0.1
V
Sinking from RL = 75
Ω to VCC
40
55
Output Current
IOUT
Sourcing into RL = 75
Ω to VEE
40
50
mA
Output Short-Circuit Current
ISC
Sinking or sourcing
±100
mA
Open-Loop Output Resistance
ROUT
8
Ω
Note 1: Continuous power dissipation must also be observed.


Similar Part No. - MAX4390

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4390 MAXIM-MAX4390 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4390EUK-T MAXIM-MAX4390EUK-T Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4390EXT-T MAXIM-MAX4390EXT-T Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
More results

Similar Description - MAX4390

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4245 MAXIM-MAX4245_11 Datasheet
667Kb / 17P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Rev 2; 11/11
MAX4245 MAXIM-MAX4245 Datasheet
495Kb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com