Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4230AXK+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4230AXK+T
Description  High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4230AXK+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4230AXK+T Datasheet HTML 4Page - Maxim Integrated Products MAX4230AXK+T Datasheet HTML 5Page - Maxim Integrated Products MAX4230AXK+T Datasheet HTML 6Page - Maxim Integrated Products MAX4230AXK+T Datasheet HTML 7Page - Maxim Integrated Products MAX4230AXK+T Datasheet HTML 8Page - Maxim Integrated Products MAX4230AXK+T Datasheet HTML 9Page - Maxim Integrated Products MAX4230AXK+T Datasheet HTML 10Page - Maxim Integrated Products MAX4230AXK+T Datasheet HTML 11Page - Maxim Integrated Products MAX4230AXK+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Detailed Description
Rail-to-Rail Input Stage
The MAX4230–MAX4234 CMOS operational amplifiers
have parallel-connected n- and p-channel differential
input stages that combine to accept a common-mode
range extending to both supply rails. The n-channel
stage is active for common-mode input voltages typi-
cally greater than (VSS + 1.2V), and the p-channel
stage is active for common-mode input voltages typi-
cally less than (VDD - 1.2V).
Applications Information
Package Power Dissipation
Warning: Due to the high output current drive, this op
amp can exceed the absolute maximum power-dissi-
pation rating. As a general rule, as long as the peak cur-
rent is less than or equal to 40mA, the maximum package
power dissipation is not exceeded for any of the package
types offered. There are some exceptions to this rule,
however. The absolute maximum power-dissipation rating
of each package should always be verified using the fol-
lowing equations. The equation below gives an approxi-
mation of the package power dissipation:
where:
VRMS = RMS voltage from VDD to VOUT when sourcing
current and RMS voltage from VOUT to VSS when sink-
ing current.
IRMS = RMS current flowing out of or into the op amp
and the load.
θ = phase difference between the voltage and the cur-
rent. For resistive loads, COS
θ = 1.
P
V
I
COS
IC DISS
RMS RMS
() ≅θ
High-Output-Drive, 10MHz, 10V/µs,
Rail-to-Rail I/O Op Amps with Shutdown in SC70
8
_______________________________________________________________________________________
PIN
MAX4230
SOT23/
SC70
MAX4231
SOT23/
SC70/Thin
µDFN
MAX4231
UCSP
MAX4232
SOT23/
µMAX
MAX4233
µMAX
MAX4233
UCSP
MAX4234
TSSOP/
SO
NAME
FUNCTION
1
1
B1
IN+
Noninverting Input
2
2
A1
4
4
B4
11
VSS
Negative Supply Input. Connect to
ground for single-supply operation.
3
3
B2
IN-
Inverting Input
4
4
A2
OUT
Amplifier Output
5
6
A3
8
10
B1
4
VDD
Positive Supply Input
5
B3
5, 6
C4, A4
SHDN,
SHDN1,
SHDN2
Shutdown Control. Tie to high for normal
operation.
3
3
C3
3
IN1+
Noninverting Input to Amplifier 1
2
2
C2
2
IN1-
Inverting Input to Amplifier 1
1
1
C1
1
OUT1
Amplifier 1 Output
5
7
A3
5
IN2+
Noninverting Input to Amplifier 2
6
8
A2
6
IN2-
Inverting Input to Amplifier 2
7
9
A1
7
OUT2
Amplifier 2 Output
10, 12
IN3+,
Noninverting Input to Amplifiers 3 and 4
9, 13
IN3-, IN4- Inverting Input to Amplifiers 3 and 4
8, 14
OUT3,
OUT4
Amplifiers 3 and 4 Outputs
Pin Description


Similar Part No. - MAX4230AXK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4230AXK+T MAXIM-MAX4230AXK+T Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230AXK+T MAXIM-MAX4230AXK+T Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4230AXK+T MAXIM-MAX4230AXK+T Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4230AXK+T MAXIM-MAX4230AXK+T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230AXK+T MAXIM-MAX4230AXK+T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
More results

Similar Description - MAX4230AXK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_V01 Datasheet
1Mb / 15P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
2021
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230_1110 MAXIM-MAX4230_1110 Datasheet
895Kb / 28P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4232AUA-T MAXIM-MAX4232AUA-T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_08 Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com