Electronic Components Datasheet Search |
|
RHP-20B-1R0FZR Datasheet(PDF) 3 Page - American Accurate Components, Inc. |
|
RHP-20B-1R0FZR Datasheet(HTML) 3 Page - American Accurate Components, Inc. |
3 / 8 page American Accurate Components, Inc. HIGH POWER RESISTOR – 20W to 140W The content of this specification may change without notification 12/07/07 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 3 ELECTRICAL SPECIFICATIONS Model RHP-10X RHP-10B RHP-10C RHP-20D RHP-20B RHP-20C Rated Power(heat sink) 20W 20W 20W 20W 35W 20W Rated Power 1W 1W 1W 2W 1W 1W Heat Resistance 5.9 C/W 5.9 C/W 5.9 C/W 3.3 C/W 3.3 C/W 3.3 C/W Withstanding Voltage 2000V AC 2000V DC 2000V DC 2000V DC 2200V DC (1500V AC) 2200V DC (1500V AC) Max. Operating Voltage - 500V or √P*R 500V or √P*R 500V or √P*R 500V or √P*R 500V or √P*R Resistance 0.01 ~ 0.091 0.10 ~ 9.1 10 ~ 220 Nominal Resistance E6 E24 E24 TCR (ppm°C) ±250 ±100 ±50 Tolerance ±5% ±5%, ±1% ±1% Operating Temp. -55C°C ~ +155°C Model RHP-50A RHP-50B & RHP-50C RHP-100A Rated Power(heat sink) 100W 50W 140W Rated Power 3W 1W 3W Max. Applied Power 100W - - Heat Resistance 1.3 C/W 2.3 C/W 0.9 C/W Withstanding Voltage 2500V AC 2000V DC 2500V AC Max. Operating Voltage 700V or √P*R (applied) 500V or √P*R 700V or √P*R (applied) Resistance 0.01~0.091 0.1 ~ 9.1 10 ~ 220 0.1 ~ 9.1 10 ~ 220 0.02~0.091 0.1 ~ 9.1 10 ~ 220 Nominal Resistance E6 E12 E24 E24 E24 E6 E12 E24 TCR (ppm°C) > ±250 ±100 ±50 ±100 ±50 > ±250 ±100 ±50 Tolerance ±5% ±5%, ±1% ±1% ±5%, ±1% ±1% ±5% ±5%, ±1% ±1% Operating Temp. -55C°C ~ +155°C Resistance Range from 240 ohm to 51K ohm is available as a semi-custom solution for al of the RHP series. Values such as 2.0, 2.5, 4.0, and 5.0 are available upon special request. PERFORMANCE Item Performance Condition All other models As specified -55°C ~ +25°C flange temperature Rated Power RHP-50A, 100A As specified All other models As specified Free Air Rated Power (without heat sink) RHP-20D As specified Attached on a simple footprint Withstanding Voltage As specified 60 seconds Load Life ± (1.0%+0.05Ω) 25°C, 90 min on, 30 min. off, 1000 hrs. All other models 40°C, 90-95% RH, DC 0.1W, 1000 hrs. Humidity RHP-10X ± (1.0%+0.05Ω) 60°C, 90-95% RH, DC 0.1W, 1000 hrs. All other models; RHP-20B & 20C (0.10 ~ 220 Ω) ± (0.25%+0.05Ω) Temperature Cycle RHP-20B & 20C (0.02 ~ 0.091 Ω) ± (1.0%+0.05Ω) -55°C, 30 min., +155°C 30min, 5 cycles All other models; RHP-20B & 20C (0.10 ~ 220 Ω) ± (0.1%+0.05Ω) RHP-50A, 100A ± (0.25%+0.05Ω) Soldering Heat RHP-20B & 20C (0.02 ~ 0.091 Ω) ± (0.5%+0.05Ω) 350°C ±5°C for 3 sec. All other models > 95% of the surface Solderability RHP-10X, RHP-50A, 100A > 75% of round 230°C ±5°C for 3 sec. Insulation Resistance > 1,000 Meg Ω Between terminals and metal back plate Vibration ± (0.25%+0.05Ω) The performance data applies to all RHP models unless otherwise noted. |
Similar Part No. - RHP-20B-1R0FZR |
|
Similar Description - RHP-20B-1R0FZR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |