Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4231ART+T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4231ART+T
Description  High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4231ART+T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4231ART+T Datasheet HTML 6Page - Maxim Integrated Products MAX4231ART+T Datasheet HTML 7Page - Maxim Integrated Products MAX4231ART+T Datasheet HTML 8Page - Maxim Integrated Products MAX4231ART+T Datasheet HTML 9Page - Maxim Integrated Products MAX4231ART+T Datasheet HTML 10Page - Maxim Integrated Products MAX4231ART+T Datasheet HTML 11Page - Maxim Integrated Products MAX4231ART+T Datasheet HTML 12Page - Maxim Integrated Products MAX4231ART+T Datasheet HTML 13Page - Maxim Integrated Products MAX4231ART+T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Choose gain-setting resistors RIN and RF according to
the amount of desired gain, keeping in mind the maxi-
mum output amplitude. The output coupling capacitor,
COUT, blocks the DC component of the amplifier out-
put, preventing DC current flowing to the load. The out-
put capacitor and the load impedance form a highpass
filer with the -3dB point determined by:
For a 32Ω load, a 100µF aluminum electrolytic capaci-
tor gives a low-frequency pole at 50Hz.
Bridge Amplifier
The circuit shown in Figure 3 uses a dual MAX4230 to
implement a 3V, 200mW amplifier suitable for use in
size-constrained applications. This configuration elimi-
nates the need for the large coupling capacitor
required by the single op-amp speaker driver when sin-
gle-supply operation is necessary. Voltage gain is set
to 10V/V; however, it can be changed by adjusting the
82kΩ resistor value.
Rail-to-Rail Input Stage
The MAX4230–MAX4234 CMOS op amps have parallel-
connected n- and p-channel differential input stages
that combine to accept a common-mode range extend-
ing to both supply rails. The n-channel stage is active
for common-mode input voltages typically greater than
(VSS + 1.2V), and the p-channel stage is active for
common-mode input voltages typically less than (VDD -
1.2V).
Rail-to-Rail Output Stage
The minimum output is within millivolts of ground for sin-
gle-supply operation, where the load is referenced to
ground (VSS). Figure 4 shows the input voltage range
and the output voltage swing of a MAX4230 connected
as a voltage follower. The maximum output voltage
swing is load dependent; however, it is guaranteed to
be within 500mV of the positive rail (VDD = 2.7V) even
with maximum load (32Ω to ground).
Observe the
Absolute Maximum Ratings for power dis-
sipation and output short-circuit duration (10s, max)
because the output current can exceed 200mA (see
the
Typical Operating Characteristics.)
Input Capacitance
One consequence of the parallel-connected differential
input stages for rail-to-rail operation is a relatively large
input capacitance CIN (5pF typ). This introduces a pole
at frequency (2
πR′CIN)-1, where R′ is the parallel combi-
nation of the gain-setting resistors for the inverting or
noninverting amplifier configuration (Figure 5). If the pole
frequency is less than or comparable to the unity-gain
bandwidth (10MHz), the phase margin is reduced, and
the amplifier exhibits degraded AC performance through
either ringing in the step response or sustained oscilla-
tions. The pole frequency is 10MHz when R
′ = 2kΩ. To
maximize stability, R
′ << 2kΩ is recommended.
f
RC
dB
L OUT
=
3
1
2
π
High-Output-Drive, 10MHz, 10V/µs,
Rail-to-Rail I/O Op Amps with Shutdown in SC70
10
______________________________________________________________________________________
Figure 4. Rail-to-Rail Input/Output Range
Figure 3. Dual MAX4230/MAX4231 Bridge Amplifier for 200mW
at 3V
1
6
7
5
2
8
3V
3V
3
4
MAX4232
1/2
MAX4232
1/2
0.5VP-P
R5
51k
Ω
R1
16k
Ω
R2
82k
Ω
R4
10k
Ω
32
Ω
fs = 100Hz
R3
10k
Ω
R6
51k
Ω
C2
0.1
μF
C1
0.1
μF
IN
1V/div
OUT
1V/div
5
μs/div
VCC = 3.0V
RL = 100k
Ω


Similar Part No. - MAX4231ART+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4231ART+T MAXIM-MAX4231ART+T Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4231ART+T MAXIM-MAX4231ART+T Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4231ART+T MAXIM-MAX4231ART+T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4231ART+T MAXIM-MAX4231ART+T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4231ART+T MAXIM-MAX4231ART+T Datasheet
1Mb / 15P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
2021
More results

Similar Description - MAX4231ART+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_V01 Datasheet
1Mb / 15P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
2021
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230_1110 MAXIM-MAX4230_1110 Datasheet
895Kb / 28P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4232AUA-T MAXIM-MAX4232AUA-T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_08 Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com