Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4389EUT+T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4389EUT+T
Description  Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4389EUT+T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4389EUT+T Datasheet HTML 6Page - Maxim Integrated Products MAX4389EUT+T Datasheet HTML 7Page - Maxim Integrated Products MAX4389EUT+T Datasheet HTML 8Page - Maxim Integrated Products MAX4389EUT+T Datasheet HTML 9Page - Maxim Integrated Products MAX4389EUT+T Datasheet HTML 10Page - Maxim Integrated Products MAX4389EUT+T Datasheet HTML 11Page - Maxim Integrated Products MAX4389EUT+T Datasheet HTML 12Page - Maxim Integrated Products MAX4389EUT+T Datasheet HTML 13Page - Maxim Integrated Products MAX4389EUT+T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Ultra-Small, Low-Cost, 85MHz Op Amps with
Rail-to-Rail Outputs and Disable
10
______________________________________________________________________________________
PIN
MAX4389
MAX4390
MAX4392
MAX4393
MAX4394
MAX4395
MAX4396
SC70/SOT23
SC70
SOT23
µMAX/SO
µMAXSO/TSSOPSO/TSSOPTSSOP
NAME
FUNCTION
1
1
1
OUT
Amplifier
Output
22
2
4
4
11
11
16
VEE
Negative
Power Supply.
Connect a
0.1µF
Capacitor to
GND.
3
3
3
IN+
Noninverting
Input
4
4
4
IN-
Inverting Input
5—
DISABLE
Disable.
Connect to
VCC to Enable.
66
5
8
10
4
4
5
VCC
Positive Power
Supply.
Connect a
0.1µF Capacitor
to GND.
5
10, 11
N.C.
No Connection.
Not Internally
Connected.
3
3
5
3
4
INA+
Amplifier A
Noninverting
Input
2
2
6
2
3
INA-
Amplifier A
Inverting Input
1
1
7
1
2
OUTA
Amplifier A
Output
——
5
1
1
DISABLEA
Shutdown
Amplifier A.
Connect to
VCC to Enable.
5
7
10
5
6
INB+
Amplifier B
Noninverting
Input
6
8
9
6
7
INB-
Amplifier B
Inverting Input
7
9
8
7
8
OUTB
Amplifier B
Output
Pin Description


Similar Part No. - MAX4389EUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4389EUT-T MAXIM-MAX4389EUT-T Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
More results

Similar Description - MAX4389EUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4245 MAXIM-MAX4245_11 Datasheet
667Kb / 17P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Rev 2; 11/11
MAX4245 MAXIM-MAX4245 Datasheet
495Kb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com