Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4232AUA+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4232AUA+T
Description  High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4232AUA+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4232AUA+T Datasheet HTML 7Page - Maxim Integrated Products MAX4232AUA+T Datasheet HTML 8Page - Maxim Integrated Products MAX4232AUA+T Datasheet HTML 9Page - Maxim Integrated Products MAX4232AUA+T Datasheet HTML 10Page - Maxim Integrated Products MAX4232AUA+T Datasheet HTML 11Page - Maxim Integrated Products MAX4232AUA+T Datasheet HTML 12Page - Maxim Integrated Products MAX4232AUA+T Datasheet HTML 13Page - Maxim Integrated Products MAX4232AUA+T Datasheet HTML 14Page - Maxim Integrated Products MAX4232AUA+T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
To improve step response when R
′ > 2kΩ, connect
small capacitor Cf between the inverting input and out-
put. Choose Cf as follows:
Cf = 8(R / Rf) [pf]
where Rf is the feedback resistor and R is the gain-set-
ting resistor (Figure 5).
Driving Capacitive Loads
The MAX4230–MAX4234 have a high tolerance for
capacitive loads. They are stable with capacitive loads
up to 780pF. Figure 6 is a graph of the stable operating
region for various capacitive loads vs. resistive loads.
Figures 7 and 8 show the transient response with
excessive capacitive loads (1500pF), with and without
the addition of an isolation resistor in series with the
output. Figure 9 shows a typical noninverting capaci-
tive-load-driving circuit in the unity-gain configuration.
High-Output-Drive, 10MHz, 10V/µs,
Rail-to-Rail I/O Op Amps with Shutdown in SC70
______________________________________________________________________________________
11
MAX4230
VIN
VOUT
R
′ = R || Rf
RfCf = RCIN
Rf
Cf
R
INVERTING
MAX4230
VIN
VOUT
R
′ = R || Rf
RfCf = RCIN
Rf
R
Cf
NONINVERTING
Figure 5. Inverting and Noninverting Amplifiers with Feedback
Compensation
0
500
1500
1000
2000
2500
1
100
10
1k
10k
100k
RESISTIVE LOAD (
Ω)
VDD = 5.0V
RL TO VDD/2
STABLE
UNSTABLE
Figure 6. Capacitive-Load Stability
1
μs/div
20mV/div
20mV/div
VDD = 3.0V, CL = 1500pF
RL = 100k
Ω, RISO = 39Ω
Figure 8. Small-Signal Transient Response with Excessive
Capacitive Load with Isolation Resistor
1
μs/div
20mV/div
20mV/div
VDD = 3.0V, CL = 1500pF
RL = 100k
Ω, RISO = 0Ω
Figure 7. Small-Signal Transient Response with Excessive
Capacitive Load


Similar Part No. - MAX4232AUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4232AUA+T MAXIM-MAX4232AUA+T Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
More results

Similar Description - MAX4232AUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_V01 Datasheet
1Mb / 15P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
2021
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230_1110 MAXIM-MAX4230_1110 Datasheet
895Kb / 28P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4232AUA-T MAXIM-MAX4232AUA-T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
logo
ams AG
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_08 Datasheet
715Kb / 26P
   High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 8; 10/08
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com