Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4392EUA+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4392EUA+T
Description  Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4392EUA+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4392EUA+T Datasheet HTML 2Page - Maxim Integrated Products MAX4392EUA+T Datasheet HTML 3Page - Maxim Integrated Products MAX4392EUA+T Datasheet HTML 4Page - Maxim Integrated Products MAX4392EUA+T Datasheet HTML 5Page - Maxim Integrated Products MAX4392EUA+T Datasheet HTML 6Page - Maxim Integrated Products MAX4392EUA+T Datasheet HTML 7Page - Maxim Integrated Products MAX4392EUA+T Datasheet HTML 8Page - Maxim Integrated Products MAX4392EUA+T Datasheet HTML 9Page - Maxim Integrated Products MAX4392EUA+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
GAIN AND PHASE
vs. FREQUENCY
MAX4389 toc01
FREQUENCY (Hz)
100M
1M
10M
10k
100k
-100
-80
-60
-40
-20
0
20
40
60
80
-120
-225
-180
-135
-90
-45
0
45
90
135
180
-270
1k
1G
GAIN
PHASE
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
-5
-4
-3
-2
-1
0
1
2
3
4
-6
100k
1G
VOUT = 100mVP-P
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
-5
-4
-3
-2
-1
0
1
2
3
4
-6
100k
1G
VOUT = 2VP-P
SMALL-SIGNAL GAIN
FLATNESS vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-0.6
100k
1G
VOUT = 100mVP-P
DISTORTION vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-80
-90
-70
-60
-50
-40
-30
-20
-10
0
-100
100k
100M
VOUT = 2VP-P, AVCL = 1V/V
2ND HARMONIC
3RD HARMONIC
LARGE-SIGNAL GAIN
FLATNESS vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-0.6
100k
1G
VOUT = 2VP-P
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
100M
10M
1M
0.1
1
10
100
0.01
100k
1G
DISTORTION vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-80
-90
-70
-60
-50
-40
-30
-20
-10
0
-100
100k
100M
VOUT = 2VP-P, AVCL = 2V/V
2ND HARMONIC
3RD HARMONIC
DISTORTION vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-80
-90
-70
-60
-50
-40
-30
-20
-10
0
-100
100k
100M
VOUT = 2VP-P, AVCL = 5V/V
3RD HARMONIC
2ND HARMONIC
Typical Operating Characteristics
(VCC = 5V, VEE = -5V, VCM = 0V, AVCL = 1V/V, RL = 100Ω to GND, GND = 0, TA = +25°C, unless otherwise noted.)
Ultra-Small, Low-Cost, 85MHz Op Amps with
Rail-to-Rail Outputs and Disable
6
_______________________________________________________________________________________


Similar Part No. - MAX4392EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4392EUA MAXIM-MAX4392EUA Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
More results

Similar Description - MAX4392EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4389 MAXIM-MAX4389 Datasheet
734Kb / 19P
   Ultra-Small, Low-Cost, 85MHz Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 9/03
MAX4380 MAXIM-MAX4380 Datasheet
755Kb / 16P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
Rev 2; 4/03
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4350 MAXIM-MAX4350 Datasheet
459Kb / 11P
   Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 3/01
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
   Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4245 MAXIM-MAX4245_11 Datasheet
667Kb / 17P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
Rev 2; 11/11
MAX4245 MAXIM-MAX4245 Datasheet
495Kb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
MAX4245 MAXIM-MAX4245_V01 Datasheet
2Mb / 11P
   Ultra-Small, Rail-to-Rail I/O with Disable, Single-/Dual-Supply, Low-Power Op Amps
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com