Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXZ316N60 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXZ316N60
Description  Z-MOS RF Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXZ316N60 Datasheet(HTML) 4 Page - IXYS Corporation

  IXZ316N60 Datasheet HTML 1Page - IXYS Corporation IXZ316N60 Datasheet HTML 2Page - IXYS Corporation IXZ316N60 Datasheet HTML 3Page - IXYS Corporation IXZ316N60 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXZ316N60
Z-MOS RF Power MOSFET
An
IXYS Company
2401 Research Blvd., Suite 108
Fort Collins, CO USA 80526
970-493-1901 Fax: 970-493-1903
Email: sales@ixyscolorado.com
Web: http://www.ixyscolorado.com
Source
Source
Source
Source
Gate
Drain
Fig. 6 Package Drawing
Doc #dsIXZ316N60 REV 08/09
© 2009 IXYS RF


Similar Part No. - IXZ316N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXZ318N50 IXYS-IXZ318N50 Datasheet
143Kb / 4P
   Z-MOS RF Power MOSFET
IXZ318N50 IXYS-IXZ318N50 Datasheet
803Kb / 7P
   IXZ318N50 MOSFET and IXRFD631 Gate Driver Module
More results

Similar Description - IXZ316N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXZ318N50 IXYS-IXZ318N50 Datasheet
143Kb / 4P
   Z-MOS RF Power MOSFET
IXZR08N120 IXYS-IXZR08N120 Datasheet
165Kb / 4P
   Z-MOS RF Power MOSFET
IXZR18N50 IXYS-IXZR18N50 Datasheet
166Kb / 4P
   Z-MOS RF Power MOSFET
IXZR16N60 IXYS-IXZR16N60 Datasheet
169Kb / 4P
   Z-MOS RF Power MOSFET
IXZ308N120 IXYS-IXZ308N120 Datasheet
149Kb / 3P
   Z-MOS RF Power MOSFET
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
   RF POWER MOS FET
RD15HVF1 MITSUBISHI-RD15HVF1_08 Datasheet
408Kb / 9P
   RF POWER MOS FET Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD06HHF1 MITSUBISHI-RD06HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
RD16HHF1 MITSUBISHI-RD16HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,16W
RD06HVF1 MITSUBISHI-RD06HVF1_08 Datasheet
421Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 175MHz,6W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com