Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28414FBZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL28414FBZ-T7
Description  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28414FBZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28414FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28414FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28414FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28414FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28414FBZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28414FBZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28414FBZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28414FBZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28414FBZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
FN6800.3
December 22, 2009
Applications Information
Functional Description
The ISL28114, ISL28214 and ISL28414 are single dual
and quad, CMOS rail-to-rail input, output (RRIO)
micropower operational amplifiers. They are designed to
operate from single supply (1.8V to 5.5V) or dual supply
(±0.9V to ±2.75V). The parts have an input common
mode range that extends 100mV above and below the
power supply voltage rails. The output stage can swing to
within 15mV of the supply rails with a 10kΩ load.
Input ESD Diode Protection
All input terminals have internal ESD protection diodes
to both positive and negative supply rails, limiting the
input voltage to within one diode beyond the supply
rails. They also contain back-to-back diodes across the
input terminals (see “Pin Descriptions - Circuit 1” on
page 3). For applications where the input differential
voltage is expected to exceed 0.5V, an external series
resistor must be used to ensure the input currents
never exceed 20mA (see Figure 18).
Although the amplifier is fully protected, high input slew
rates that exceed the amplifier slew rate (±2.5V/µs)
may cause output distortion.
Output Phase Reversal
Output phase reversal is a change of polarity in the
amplifier transfer function when the input voltage
exceeds the supply voltage. The ISL28114, ISL28214
and ISL28414 are immune to output phase reversal,
even when the input voltage is 1V beyond the supplies.
Unused Channels
If the application requires less than all amplifiers one
channel, the user must configure the unused channel(s)
to prevent it from oscillating. The unused channel(s) will
oscillate if the input and output pins are floating. This will
result in higher than expected supply currents and
possible noise injection into the channel being used. The
proper way to prevent this oscillation is to short the
output to the inverting input and ground the positive
input (as shown in Figure 19).
Power Dissipation
It is possible to exceed the +125°C maximum junction
temperatures under certain load, power supply
conditions and ambient temperature conditions. It is
therefore important to calculate the maximum junction
temperature (TJMAX) for all applications to determine if
power supply voltages, load conditions, or package type
need to be modified to remain in the safe operating area.
These parameters are related using Equation 1:
where:
•PDMAXTOTAL is the sum of the maximum power
dissipation of each amplifier in the package (PDMAX)
•PDMAX for each amplifier can be calculated using
Equation 2:
where:
•TMAX = Maximum ambient temperature
• θJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of 1 amplifier
•VS = Total supply voltage
•IqMAX = Maximum quiescent supply current of 1
amplifier
•VOUTMAX = Maximum output voltage swing of the
application
•RL = Load resistance
ISL28114, ISL28214 and ISL28414 SPICE
Model
Figure 20 shows the SPICE model schematic and
Figure 21 shows the net list for the SPICE model. The
model is a simplified version of the actual device and
simulates important AC and DC parameters. AC
parameters incorporated into the model are: 1/f and
flatband noise, Slew Rate, CMRR, Gain and Phase. The
DC parameters are IOS, total supply current and output
voltage swing. The model uses typical parameters given
in the “Electrical Specifications” Table beginning on
page 4. The AVOL is adjusted for 90dB with the
dominate pole at 125Hz. The CMRR is set 72dB,
f = 80kHz). The input stage models the actual device to
present an accurate AC representation. The model is
configured for ambient temperature of +25°C.
Figures 22 through 29 show the characterization vs
simulation results for the Noise Voltage, Closed Loop
Gain vs Frequency, Large Signal 5V Step Response and
CMRR and Open Loop Gain Phase.
FIGURE 18. INPUT CURRENT LIMITING
-
+
RIN
RL
VIN
VOUT
FIGURE 19. PREVENTING OSCILLATIONS IN
UNUSED CHANNELS
-
+
T
JMAX
T
MAX
θ
JAxPDMAXTOTAL
+
=
(EQ. 1)
PD
MAX
V
S
I
qMAX
V
S
(
- V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
+
×
=
(EQ.2)
ISL28114, ISL28214, ISL28414


Similar Part No. - ISL28414FBZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28414FBZ-T7 RENESAS-ISL28414FBZ-T7 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results

Similar Description - ISL28414FBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com