Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC374 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74HC374
Description  Octal 3?뭆tate Non?묲nverting D Flip?묯lop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC374 Datasheet(HTML) 5 Page - ON Semiconductor

  74HC374 Datasheet HTML 1Page - ON Semiconductor 74HC374 Datasheet HTML 2Page - ON Semiconductor 74HC374 Datasheet HTML 3Page - ON Semiconductor 74HC374 Datasheet HTML 4Page - ON Semiconductor 74HC374 Datasheet HTML 5Page - ON Semiconductor 74HC374 Datasheet HTML 6Page - ON Semiconductor 74HC374 Datasheet HTML 7Page - ON Semiconductor 74HC374 Datasheet HTML 8Page - ON Semiconductor 74HC374 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74HC374
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
VCC
(V)
Guaranteed Limit
Unit
– 55 to
25_C
v 85_C
v 125_C
fmax
Maximum Clock Frequency (50% Duty Cycle)
2.0
3.0
4.5
6.0
6
15
30
35
5
10
24
28
4
8
20
24
MHz
tPLH
tPHL
Maximum Propagation Delay, Input Clock to Q
(Figures 1 and 5)
2.0
3.0
4.5
6.0
125
80
25
21
155
110
31
26
190
130
38
32
ns
tPLZ
tPHZ
Maximum Propagation Delay, Output Enable to Q
(Figures 3 and 6)
2.0
3.0
4.5
6.0
150
100
30
26
190
125
38
33
225
150
45
38
ns
tPLZ
tPHZ
Maximum Propagation Delay, Output Enable to Q
(Figures 3 and 6)
2.0
3.0
4.5
6.0
150
100
30
26
190
125
38
33
225
150
45
38
ns
tTLH
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 5)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three−State Output Capacitance
(Output in High−Impedance State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the ON
Semiconductor High−Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Enabled Output)*
Typical @ 25°C, VCC = 5.0 V
pF
34
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High−Speed CMOS Data Book (DL129/D).


Similar Part No. - 74HC374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC374 PHILIPS-74HC374 Datasheet
60Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
List of Unclassifed Man...
74HC374 ETC1-74HC374 Datasheet
230Kb / 5P
   OCTAL D-TYPE FLIP-FLOP POSITIVE EDGE TRIGGER 3-STATE
logo
Nexperia B.V. All right...
74HC374 NEXPERIA-74HC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
logo
NXP Semiconductors
74HC374D PHILIPS-74HC374D Datasheet
60Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Toshiba Semiconductor
74HC374D TOSHIBA-74HC374D Datasheet
205Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results

Similar Description - 74HC374

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT574A ONSEMI-MC74VHCT574A_06 Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHC574 ONSEMI-MC74VHC574 Datasheet
168Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74ACT564 ONSEMI-MC74ACT564 Datasheet
81Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
MC74AC374 ONSEMI-MC74AC374 Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74VHCT374A ONSEMI-MC74VHCT374A_06 Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com