Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCU04 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74HCU04
Description  Hex Unbuffered Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HCU04 Datasheet(HTML) 3 Page - ON Semiconductor

  74HCU04 Datasheet HTML 1Page - ON Semiconductor 74HCU04 Datasheet HTML 2Page - ON Semiconductor 74HCU04 Datasheet HTML 3Page - ON Semiconductor 74HCU04 Datasheet HTML 4Page - ON Semiconductor 74HCU04 Datasheet HTML 5Page - ON Semiconductor 74HCU04 Datasheet HTML 6Page - ON Semiconductor 74HCU04 Datasheet HTML 7Page - ON Semiconductor 74HCU04 Datasheet HTML 8Page - ON Semiconductor 74HCU04 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74HCU04
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
±20
mA
Iout
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air
SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from case for 10 Seconds
SOIC or TSSOP Package
260
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress
ratings only. Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
†Derating — SOIC Package: –7mW/_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/_C from 65_ to 125_C
For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
Vin, Vout DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise and Fall Time (Figure 1)
No
Limit
ns
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - 74HCU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCU04 PHILIPS-74HCU04 Datasheet
64Kb / 7P
   Hex inverter
September 1993
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
   UNBUFFERED HEX INVERTERS
logo
Nexperia B.V. All right...
74HCU04 NEXPERIA-74HCU04 Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
74HCU04BQ NEXPERIA-74HCU04BQ Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
More results

Similar Description - 74HCU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCU04 ONSEMI-MC74VHCU04_06 Datasheet
149Kb / 6P
   Hex Inverter (Unbuffered)
March, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
HEF4069UB NEXPERIA-HEF4069UB Datasheet
246Kb / 13P
   Hex unbuffered inverter
Rev. 10 - 10 February 2022
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
   Hex unbuffered inverter
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
MC74HCU04A ONSEMI-MC74HCU04A_14 Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVCU04A NEXPERIA-74LVCU04A Datasheet
262Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 March 2021
logo
Motorola, Inc
MC74HCU04 MOTOROLA-MC74HCU04 Datasheet
147Kb / 5P
   Hex Unbuffered Inverter
MC74HCU04A MOTOROLA-MC74HCU04A Datasheet
134Kb / 7P
   Hex Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com