Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3611 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADP3611
Description  Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3611 Datasheet(HTML) 5 Page - ON Semiconductor

  ADP3611_1 Datasheet HTML 1Page - ON Semiconductor ADP3611_1 Datasheet HTML 2Page - ON Semiconductor ADP3611_1 Datasheet HTML 3Page - ON Semiconductor ADP3611_1 Datasheet HTML 4Page - ON Semiconductor ADP3611_1 Datasheet HTML 5Page - ON Semiconductor ADP3611_1 Datasheet HTML 6Page - ON Semiconductor ADP3611_1 Datasheet HTML 7Page - ON Semiconductor ADP3611_1 Datasheet HTML 8Page - ON Semiconductor ADP3611_1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ADP3611
http://onsemi.com
5
Table 3. ABSOLUTE MAXIMUM RATINGS (Unless otherwise specified, all voltages are referenced to GND.)
Parameter
Rating
Unit
VCC
−0.3 to +6
V
BST, DRVH
DC
t < 200 ns
−0.3 to +26
−0.3 to +31
V
BST to SW
−0.3 to +6
V
BST to VCC
DC
t < 200 ns
−0.3 to +21
−0.3 to +26
V
SW
DC
t < 200 ns
−1 to +21
−6 to +26
V
DRVH to SW
−0.3 to +6
V
DRVH
SW − 0.3 to BST + 0.3
V
DRVL
DC
t < 200 ns
−0.3 to +6
−5 to +6
V
All Other Inputs and Outputs
−0.3 to +6
V
qJA MSOP−10 Package
2−Layer Board
4−Layer Board
340
220
°C/W
qJA QFN−8 2 mm x 2 mm Package
143
°C/W
Operating Ambient Temperature Range
−10 to +100
°C
Junction Temperature Range
−10 to +150
°C
Storage Temperature Range
−65 to +150
°C
Lead Temperature Range
Soldering (10 s)
Vapor Phase (60 s)
Infrared (15 s)
300
215
220
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device is ESD sensitive. Use standard ESD precautions when handling.
Pin Configuration
Figure 5. 10−Lead MSOP Package
ADP3611
TOP VIEW
(Not to Scale)
IN
SD
DRVLSD
CROWBAR
VCC
BST
DRVH
SW
GND
DRVL
1
2
3
10
9
8
4
5
6
7
Figure 6. 8−Lead DFN 2 x 2 mm Package
IN
SD
DRVLSD
VCC
BST
DRVH
SW
DRVL
ADP3611
TOP VIEW
(Not to Scale)


Similar Part No. - ADP3611_1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3611JRMZ-REEL ONSEMI-ADP3611JRMZ-REEL Datasheet
168Kb / 11P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
October, 2008 ??Rev. P0
ADP3611MNR2G-REEL ONSEMI-ADP3611MNR2G-REEL Datasheet
168Kb / 11P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
October, 2008 ??Rev. P0
More results

Similar Description - ADP3611_1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP34190091RMZR ONSEMI-ADP34190091RMZR Datasheet
143Kb / 10P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
April, 2010 ??Rev. 3
ADP3611 ONSEMI-ADP3611 Datasheet
168Kb / 11P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
October, 2008 ??Rev. P0
logo
Analog Devices
ADP3419 AD-ADP3419 Datasheet
317Kb / 16P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
REV. A
logo
ON Semiconductor
ADP3419 ONSEMI-ADP3419 Datasheet
186Kb / 13P
   Dual Bootstrapped, High Voltage MOSFET Driver with Output Disable
January 2008 ??Rev. 2
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
   Dual Bootstrapped MOSFET Driver with Output Disable
REV. 0
logo
Lowpower Semiconductor ...
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com