Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-30532 Datasheet(PDF) 10 Page - ON Semiconductor

Part # AMIS-30532
Description  Micro-Stepping Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-30532 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AMIS-30532 Datasheet HTML 6Page - ON Semiconductor AMIS-30532 Datasheet HTML 7Page - ON Semiconductor AMIS-30532 Datasheet HTML 8Page - ON Semiconductor AMIS-30532 Datasheet HTML 9Page - ON Semiconductor AMIS-30532 Datasheet HTML 10Page - ON Semiconductor AMIS-30532 Datasheet HTML 11Page - ON Semiconductor AMIS-30532 Datasheet HTML 12Page - ON Semiconductor AMIS-30532 Datasheet HTML 13Page - ON Semiconductor AMIS-30532 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AMIS--30532
http://onsemi.com
10
TYPICAL APPLICATION SCHEMATIC
Figure 7. Typical Application Schematic AMIS--30532
POR/WD
VCP
CPP
CPN
CLR
C7
ERR
GND
CS
CLK
DI
DO
NXT
DIR
MOTXP
MOTXN
MOTYP
MOTYN
M
220 nF
100 nF
C5
VBAT
VDD
VBB
VBB
100 nF
220 nF
100
μF
C2
C3
C6
C1
100 nF
100 nF
C4
SLA
C8
R1
μC
D1
R2
R3
R4
AMIS--3053 2
2
15, 16
12
10
11
23
5
4
1
21, 22
18
3
17
19, 20
7
9
13
28
6
14
24
25, 26
27
TSTO
29
31
32
Table 8. EXTERNAL COMPONENTS LIST AND DESCRIPTION
Component
Function
Typ Value
Tolerance
Unit
C1
VBB Buffer Capacitor (Note 13)
100
--20 +80%
mF
C2,C3
VBB Decoupling Block Capacitor
100
--20 +80%
nF
C4
VDD Buffer Capacitor
100
±20%
nF
C5
VDD Buffer Capacitor
100
±20%
nF
C6
Charge Pump Buffer Capacitor
220
±20%
nF
C7
Charge Pump Pumping Capacitor
220
±20%
nF
C8
Low Pass Filter SLA
1
±20%
nF
R1
Low Pass Filter SLA
5.6
±1%
R2, R3, R4
Pullup Resistor Open Drain Output
4.7
±1%
D1
Optional Reverse Protection Diode
MURD530
13.ESR < 1 Ω.


Similar Part No. - AMIS-30532

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30532 ONSEMI-AMIS-30532 Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30532 ONSEMI-AMIS-30532 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
More results

Similar Description - AMIS-30532

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514_16 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
   Micro-stepping Motor Driver
September, 2015 ??Rev. 2
AMIS-30521 ONSEMI-AMIS-30521 Datasheet
292Kb / 28P
   Micro-Stepping Motor Driver
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com