Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73010 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 73010
Description  MCX JACK STRAIGHT CRIMP, RG174, 316
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

73010 Datasheet(HTML) 2 Page - Pomona Electronics

  73010 Datasheet HTML 1Page - Pomona Electronics 73010 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model 73010
MCX JACK STRAIGHT CRIMP, RG174, 316
Cable Types and Crimp Die Information
Connector
Model #
Cable Groups
Crimp Die Cavity
Size for Outer
Ferrule
73010
RG174, 316
.128 (3.3)
Cable Assembly Instructions
USA:
Sales: 800-490-2361
Technical Support: technicalsupport@pomonatest.com
Fax: 425-446-5844
Europe:
31-(0) 40 2675 150
International
: 425-446-5500
Where to Bu
omonaelectronics.com
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (.51 mm),
.xxx = ± .005” (.127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
D2003447 REV 001
y:
www.p
Copyright © 2007 11/25/2007
Page 2 of 2


Similar Part No. - 73010

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7301 COTO-7301 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
C&K Components
7301 CK-COMPONENTS-7301 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Heyco.
7301 HEYCO-7301 Datasheet
132Kb / 1P
   Female Pin Connectors
logo
Pomona Electronics
73011 POMONA-73011 Datasheet
153Kb / 2P
   MCX JACK STRAIGHT CRIMP, RG178
73012 POMONA-73012 Datasheet
151Kb / 2P
   MCX JACK STRAIGHT CRIMP, RG179
More results

Similar Description - 73010

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73002 POMONA-73002 Datasheet
152Kb / 2P
   MCX PLUG STRAIGHT CRIMP, RG174, 316
73029 POMONA-73029 Datasheet
152Kb / 2P
   MMCX JACK STRAIGHT CRIMP, RG174, 316
72984 POMONA-72984 Datasheet
144Kb / 2P
   SMB JACK STRAIGHT CRIMP, RG174, 188, 316
logo
Tyco Electronics
1337580 MACOM-1337580 Datasheet
182Kb / 2P
   MCX STRAIGHT PLUG CRIMP 50 OHMS RG174, 188, 316, URM95, KX3B, 22A
logo
Pomona Electronics
73011 POMONA-73011 Datasheet
153Kb / 2P
   MCX JACK STRAIGHT CRIMP, RG178
73012 POMONA-73012 Datasheet
151Kb / 2P
   MCX JACK STRAIGHT CRIMP, RG179
73023 POMONA-73023 Datasheet
148Kb / 2P
   MMCX PLUG STRAIGHT CRIMP, RG174, 316
72992 POMONA-72992 Datasheet
172Kb / 2P
   SMB JACK R/A CRIMP, RG174, 188, 316
72981 POMONA-72981 Datasheet
145Kb / 3P
   SMB STRAIGHT PLUG CRIMP, RG174, 188, 316
logo
Pasternack Enterprises,...
PE4562 PASTERNACK-PE4562 Datasheet
356Kb / 3P
   MCX Jack Connector Crimp-Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com