Electronic Components Datasheet Search |
|
LTC2634-HZ12 Datasheet(PDF) 7 Page - Linear Technology |
|
LTC2634-HZ12 Datasheet(HTML) 7 Page - Linear Technology |
7 / 30 page LTC2634 7 2634fb ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified. LTC2634-LMI12/-LMI10/-LMI8/-LMX12/-LMX10/-LMX8/-LZ12/-LZ10/-LZ8 (VFS = 2.5V) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS t1 SDI Valid to SCK Setup l 4ns t2 SDI Valid to SCK Hold l 4ns t3 SCK High Time l 9ns t4 SCK Low Time l 9ns t5 CS/LD Pulse Width l 10 ns t6 LSB SCK High to CS/LD High l 7ns t7 CS/LD Low to SCK High l 7ns t8 CLR Pulse Width l 20 ns t9 LDAC Pulse Width l 15 ns t10 CS/LD High to SCK Positive Edge l 7ns SCK Frequency 50% Duty Cycle l 50 MHz t11 CS/LD High to LDAC High or Low Transition l 200 ns t12 SDO Propagation Delay from SCK Falling Edge CLOAD = 10pF VCC = 4.5V to 5.5V VCC = 2.7V to 5.5V l l 20 45 ns ns |
Similar Part No. - LTC2634-HZ12 |
|
Similar Description - LTC2634-HZ12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |