Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

203608B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 203608B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

203608B Datasheet(HTML) 2 Page - Integrated Technology Future

  203608B Datasheet HTML 1Page - Integrated Technology Future 203608B Datasheet HTML 2Page - Integrated Technology Future 203608B Datasheet HTML 3Page - Integrated Technology Future 203608B Datasheet HTML 4Page - Integrated Technology Future 203608B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAW Bandpass Filter 203608B
Part No.
203608B
3. Specifications
Fo = 114.99 MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Operating temperature range : -10℃~ +60℃
Minimum
Typical
Maximum
Center Frequency
MHz
-
114.99
-
Insertion Loss
dB
-
21.5
25.0
1dB Bandwidth
MHz
-
1.6
-
3dB Bandwidth
MHz
1.8
1.88
-
40dB Bandwidth
MHz
-
3.03
3.3
Amplitude Ripple (Fo +/- 0.6 MHz)
dB
-
0.5
1.0
Group Delay Variation (Fo +/- 0.6 MHz)
nsec
-
110
-
Absolute Delay
usec
-
2.3
-
Ultimate Rejection
dB
50
55
Temperature Coefficient of Frequency
ppm/°C
2
-
-0.03
-
Notes :
1)
All specifications are based on the matching schematic shown below
2)
All specifications are measured by Agilent Network analyzer and full 2 port calibration
3)
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances
4)
All attenuation measurements are measured relative to insertion loss
Rev. Date
2005-05-10
I T F
Co., Ltd.
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
DS4018-CS02
2/5
102-901, Bucheon Technopark 364,


Similar Part No. - 203608B

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2036017 FESTO-2036017 Datasheet
73Kb / 1P
   Axial kit
1/16/23
logo
Integrated Technology F...
203601B ITF-203601B Datasheet
200Kb / 5P
   SAW Bandpass Filter
203604B ITF-203604B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results

Similar Description - 203608B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com