Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80101IR50Z-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL80101IR50Z-T
Description  High Performance 1A LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101IR50Z-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL80101IR50Z-T Datasheet HTML 1Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 2Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 3Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 4Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 5Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 6Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 7Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 8Page - Intersil Corporation ISL80101IR50Z-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6931.0
December 21, 2009
Pin Descriptions
PIN
NUMBER
PIN NAME
DESCRIPTION
1, 2
VOUT
Output voltage pin.
3SENSE/ADJ
Remote voltage sense for internally fixed VOUT options. ADJ pin for externally set VOUT.
4PG
VOUT in regulation signal. Logic low defines when VOUT is not in regulation. Pin should be grounded
if not used.
5GND
GND pin.
6
SS
External cap controls the rate of the VOUT ramp.
7ENABLE
VIN independent chip enable. TTL and CMOS compatible.
8
DNC
Do not connect this pin to ground or supply. Leave floating.
9, 10
VIN
Input supply pin.
Ordering Information
PART NUMBER
(Notes 4, 5)
PART MARKING
VOUT
VOLTAGE
(Note 3)
TEMP RANGE (°C)
PACKAGE
(Pb-Free)
PKG DWG. #
ISL80101IRAJZ
(Note 1)
DZAB
ADJ
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR08Z
DZBB
0.8V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR08Z-T
(Note 2)
DZBB
0.8V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR12Z
DZCB
1.2V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR12Z-T
(Note 2)
DZCB
1.2V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR15Z
DZDB
1.5V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR15Z-T
(Note 2)
DZDB
1.5V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR18Z
(Note 1)
DZEB
1.8V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR25Z
(Note 1)
DZFB
2.5V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR33Z
DZGB
3.3V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR33Z-T
(Note 2)
DZGB
3.3V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR50Z
DZHB
5.0V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
ISL80101IR50Z-T
(Note 2)
DZHB
5.0V
-40 to +125
10 Ld 3x3 DFN
L10.3x3
NOTES:
1. Add “-T” or “TK” for Tape and Reel. Please refer to TB347 for details on reel specifications.
2. Please refer to TB347 for details on reel specifications.
3. For other output voltages, contact Intersil Marketing.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
5. For Moisture Sensitivity Level (MSL), please see device information page for ISL80101. For more information on MSL please
see techbrief TB363.
ISL80101


Similar Part No. - ISL80101IR50Z-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80101IR50Z RENESAS-ISL80101IR50Z Datasheet
747Kb / 12P
   High Performance 1A LDO
More results

Similar Description - ISL80101IR50Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
   High Performance 1A LDO
August 26, 2015
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com