Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R0922501VXC Datasheet(PDF) 10 Page - Intersil Corporation

Part # 5962R0922501VXC
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R0922501VXC Datasheet(HTML) 10 Page - Intersil Corporation

Back Button 5962R0922501VXC Datasheet HTML 6Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 7Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 8Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 9Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 10Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 11Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 12Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 13Page - Intersil Corporation 5962R0922501VXC Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6947.0
December 15, 2009
slowly ramping the output voltage. Once the
commanded output voltage is within the proper
window of operation, the power-good signal changes
state from low to high indicating proper regulator
operation.
Power-On Reset
The POR circuitry prevents the controller from
attempting to soft-start before sufficient bias is
present at the PVINx pins.
The POR threshold of the PVINx pins is controlled by
the PORSEL pin. For a nominal 5V supply voltage,
PORSEL should be connected to DVDD. For a nominal
3.3V supply voltage, PORSEL should be connected to
DGND. For nominal supply voltages between 5V and
3.3V, PORSEL should be connected to DGND. The POR
rising and falling thresholds are shown in the
“Electrical Specifications” table on page 8.
Hysteresis between the rising and falling thresholds
insures that small perturbations on PVINx seen during
turn-on/turn-off of the regulator do not cause
inadvertent turn-off/turn-on of the regulator. When the
PVINx pins are below the POR rising threshold, the
internal synchronous power MOSFET switches are
turned off and the LXx pins are held in a
high-impedance state.
Enable and Disable
After the POR input requirement is met, the
ISL70001SRH remains in shutdown until the voltage at
the enable input rises above the enable threshold. As
shown in Figure 5, the enable circuit features a
comparator type input. In addition to simple logic
on/off control, the enable circuit allows the level of an
external voltage to precisely gate the turn-on/turn-off
of the regulator. An internal IEN current sink with a
typical value of 11µA is only active when the voltage
on the EN pin is below the enable threshold. The
current sink pulls the EN pin low. As VIN2 rises, the
enable level is not set exclusively by the resistor
divider from VIN2. With the current sink active, the
enable level is defined by Equation 4. R1 is the resistor
from the EN pin to VIN2 and R2 is the resistor from the
EN pin to the AGND pin.
Once the voltage at the EN pin reaches the enable
threshold, the IEN current sink turns off.
With the part enabled and the IEN current sink off, the
disable level is set by the resistor divider. The disable
level is defined by Equation 5.
The difference between the enable and disable levels
provides adjustable hysteresis so that noise on VIN2
does not interfere with the enabling or disabling of the
regulator.
The EN pin should be bypassed to the AGND pin with a
10nF ceramic capacitor to mitigate SEE.
Soft-Start
Once the POR and enable circuits are satisfied, the
regulator initiates a soft-start. Figure 6 shows that the
soft-start circuit clamps the error amplifier reference
voltage to the voltage on an external soft-start
capacitor connected to the SS pin. The soft-start
capacitor is charged by an internal ISS current source.
As the soft-start capacitor is charged, the output
voltage slowly ramps to the set point determined by
the reference voltage and the feedback network. Once
the voltage on the SS pin is equal to the internal
reference voltage, the soft-start interval is complete.
The controlled ramp of the output voltage reduces the
inrush current during start-up. The soft-start output
ramp interval is defined in Equation 6 and is adjustable
from approximately 2ms to 200ms. The value of the
soft-start capacitor, CSS, should range from 8.2nF to
8.2µF, inclusive. The peak inrush current can be
computed from Equation 7. The soft-start interval
should be selected long enough to insure that the peak
inrush current plus the peak output load current does
not exceed the overcurrent trip level of the regulator.
The soft-start capacitor is immediately discharged by a
2.2Ω resistor whenever POR conditions are not met or
EN is pulled low. The soft-start discharge time is equal
to 256 clock cycles.
V
ENABLE
V
R
1
R1
R2
--------
+
I
EN R1
+
=
(EQ. 4)
V
DISABLE
V
R
1
R1
R2
--------
+
=
(EQ. 5)
FIGURE 5. ENABLE CIRCUIT
-
+
VR
EN
PVINx
VIN1
POR
LOGIC
VIN2
R1
R2
IEN
ENABLE
COMPARATOR
CEN
VR = 0.6V
IEN = 11µA
CEN = 10nF
t
SS
C
SS
V
REF
I
SS
---------------
=
(EQ. 6)
I
INRUSH
C
OUT
V
OUT
t
SS
----------------
=
(EQ. 7)
ISL70001SRH


Similar Part No. - 5962R0922501VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R0922501VXC INTERSIL-5962R0922501VXC Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
More results

Similar Description - 5962R0922501VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Peregrine Semiconductor
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99155 PSEMI-PE99155 Datasheet
459Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com