Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R0922501V9A Datasheet(PDF) 3 Page - Intersil Corporation

Part # 5962R0922501V9A
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R0922501V9A Datasheet(HTML) 3 Page - Intersil Corporation

  5962R0922501V9A Datasheet HTML 1Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 2Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 3Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 4Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 5Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 6Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 7Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 8Page - Intersil Corporation 5962R0922501V9A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN6947.0
December 15, 2009
Pin Configuration
ISL70001SRH
(48 LD CQFP)
TOP VIEW
7
8
9
10
11
12
13
14
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
15
16
17
18
19 20 21 22
39
40
41
42
43
44
45
46
47
48
1
2
3
4
5
6
PVIN3
LX3
PGND3
PGND3
PGND4
PGND4
LX4
PVIN4
PVIN4
PVIN5
PVIN5
LX5
M/S
ZAP
TDI
TDO
PGOOD
DVDD
DGND
DGND
AGND
AGND
SS
DVDD
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 2, 27, 28, 29,
30, 37, 38, 39,
40, 47, 48
PGNDx
These pins are the power grounds associated with the corresponding internal power blocks.
Connect these pins directly to the ground plane. These pins should also connect to the
negative terminals of the input and output capacitors. Locate the input and output capacitors
as close as possible to the IC.
3, 26, 31, 36,
41, 46
LXx
These pins are the outputs of the corresponding internal power blocks and should be
connected to the output filter inductor. Internally, these pins are connected to the synchronous
MOSFET power switches. To minimize voltage undershoot, it is recommended that a Schottky
diode be connected from these pins to PGNDx. The Schottky diode should be located as close
as possible to the IC.
4, 5, 24, 25, 32,
33, 34, 35, 42,
43, 44, 45
PVINx
These pins are the power supply inputs to the corresponding internal power blocks. These pins
must be connected to a common power supply rail, which must fall in the range of 3V to 5.5V.
Bypass these pins directly to PGNDx with ceramic capacitors located as close as possible to
the IC.
6
SYNC
This pin is the synchronization I/O for the IC. When configured as an output (Master Mode),
this pin drives the SYNC input of another ISL70001SRH. When configured as an input (Slave
Mode), this pin accepts the SYNC output from another ISL70001SRH or an external clock.
Synchronization of the slave unit is 180° out-of-phase with respect to the master unit. If
synchronizing to an external clock, the clock must be SEE hardened and the frequency must
be within the range of 1MHz ±20%.
7
M/S
This pin is the Master/Slave input for selecting the direction of the bi-directional SYNC pin. For
SYNC = Output (Master Mode), connect this pin to DVDD. For SYNC = Input (Slave Mode),
connect this pin to DGND.
8
ZAP
This pin is a trim input and is used to adjust various internal circuitry. Connect this pin to
DGND.
9
TDI
This pin is the test data input of the internal BIT circuitry. Connect this pin to DGND.
10
TDO
This pin is the test data output of the internal BIT circuitry. Connect this pin to DGND.
ISL70001SRH


Similar Part No. - 5962R0922501V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R0922501V9A INTERSIL-5962R0922501V9A Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
More results

Similar Description - 5962R0922501V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
   6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
logo
Peregrine Semiconductor
PE99151 PSEMI-PE99151_14 Datasheet
465Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
PE99155 PSEMI-PE99155 Datasheet
459Kb / 15P
   Radiation Hardened UltraCMOS Monolithic Point-of-Load Synchronous Buck Regulator with Integrated Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com