Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLX4300-S45 Datasheet(PDF) 7 Page - Intersil Corporation

Part # QLX4300-S45
Description  Quad Lane Extender
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

QLX4300-S45 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button QLX4300-S45 Datasheet HTML 3Page - Intersil Corporation QLX4300-S45 Datasheet HTML 4Page - Intersil Corporation QLX4300-S45 Datasheet HTML 5Page - Intersil Corporation QLX4300-S45 Datasheet HTML 6Page - Intersil Corporation QLX4300-S45 Datasheet HTML 7Page - Intersil Corporation QLX4300-S45 Datasheet HTML 8Page - Intersil Corporation QLX4300-S45 Datasheet HTML 9Page - Intersil Corporation QLX4300-S45 Datasheet HTML 10Page - Intersil Corporation QLX4300-S45 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
FN6982.1
November 19, 2009
NOTES: (Continued)
10. During line silence, transmitter noise in excess of this voltage range may result in differential output amplitudes from the
QLx4300-S45 that are greater than 20mVP-P.
11. The data pattern preceding line silence mode is comprised of the PCIe electrical idle ordered set (EIOS). The data pattern
following line silence mode is comprised of the PCIe electrical idle exit sequence (EIES).
12. The data pattern preceding or following line silence mode is comprised of the SAS-2 ALIGN (0) sequence for OOB signaling
at 3.125Gb/s, and amplitude of 800mVP-P.
Serial Bus Timing Characteristics
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
CLK Setup Time
tSCK
From the falling edge of ENB
10
ns
DI Setup Time
tSDI
Prior to the rising edge of CLK
10
ns
DI Hold Time
tHDI
From the rising edge of CLK
6
ns
ENB ‘HIGH’
tHEN
From the falling edge of the last data bit’s CLK
10
ns
Boost Setting Operational
tD
From ENB ‘HIGH’
10
ns
DO Hold Time
tCQ
From the rising edge of CLK to DO transition
12
ns
Clock Rate
fCLK
Reference clock for serial bus EQ programming
20
MHz
Typical Performance Characteristics
VDD = 1.2V, TA = +25°C, unless otherwise noted. Performance was characterized using the system testbed shown in
Figure 1. Unless otherwise noted, the transmitter generated a non-return-to-zero (NRZ) PRBS-7 sequence at 800mVP-P
(differential) with 10ps of peak-to-peak deterministic jitter. This transmit signal was launched into twin-axial cable test
channels of varying gauges and lengths. The loss characteristics of these test channels are plotted as a function of
frequency in Figure 2. The received signal at the output of these test channels was then processed by the QLx4300-S45
before being passed to a receiver. Eye diagram measurements were made with 4000 waveform acquisitions and include
random jitter.
FIGURE 1. DEVICE CHARACTERIZATION TEST SETUP
FIGURE 2. 26 AWG TWIN-AXIAL CABLE LOSS AS A FUNCTION OF FREQUENCY FOR VARIOUS TEST CHANNELS
Pattern
Generator
SMA
Adapter
Card
100O Twin-Axial
Cable
SMA
Adapter
Card
QLx4300-S45
Eval Board
Oscilloscope
Ω
TEST CHANNEL LOSS CHARACTERISTICS
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
01234
56
Frequency (GHz)
10m
15m
20m
25m
QLx4300-S45


Similar Part No. - QLX4300-S45

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QLX4300-S45 RENESAS-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
More results

Similar Description - QLX4300-S45

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
   Quad Lane Extender
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
   Quad Lane Extender
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
   Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
   Quad Lane Extender
logo
Intersil Corporation
QLX411GRX INTERSIL-QLX411GRX Datasheet
382Kb / 11P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4300-S45 RENESAS-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com