Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLX411GRX Datasheet(PDF) 11 Page - Intersil Corporation

Part # QLX411GRX
Description  Quad Lane Extender
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

QLX411GRX Datasheet(HTML) 11 Page - Intersil Corporation

Back Button QLX411GRX Datasheet HTML 3Page - Intersil Corporation QLX411GRX Datasheet HTML 4Page - Intersil Corporation QLX411GRX Datasheet HTML 5Page - Intersil Corporation QLX411GRX Datasheet HTML 6Page - Intersil Corporation QLX411GRX Datasheet HTML 7Page - Intersil Corporation QLX411GRX Datasheet HTML 8Page - Intersil Corporation QLX411GRX Datasheet HTML 9Page - Intersil Corporation QLX411GRX Datasheet HTML 10Page - Intersil Corporation QLX411GRX Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
FN6989.1
November 19, 2009
QLx411GRx
Package Outline Drawing
L46.4x7
46 LEAD THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE (TQFN)
Rev 0, 9/09
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
C
0.152 REF
0 . 05 MAX.
0 . 00 MIN.
5
4.00
A
B
(4X)
0.05
6
PIN 1
INDEX AREA
39
46
2.80
42X 0.40
Exp. DAP
15
1
38
23
46X 0.40
16
6
5.60
( 6.80 )
( 5.50 )
( 46 X 0.60)
(46X 0.20)
( 42X 0.40)
( 3.80 )
( 2.50)
2.50 ±0.1
0.10
46X 0.20
A
MC
B
4
5.50 ±0.1
Exp. DAP
0.70 ±0.05
SEE DETAIL "X"
SEATING PLANE
0.05
0.10
C
C
C
24
SIDE VIEW
PIN 1
INDEX AREA


Similar Part No. - QLX411GRX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
246Kb / 7P
   DisplayPort Lane Extender
logo
Renesas Technology Corp
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP_10 Datasheet
246Kb / 7P
   DisplayPort Lane Extender
QLX4270RIQSR INTERSIL-QLX4270RIQSR Datasheet
184Kb / 7P
   DisplayPort Lane Extender
More results

Similar Description - QLX411GRX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
   Quad Lane Extender
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
   Quad Lane Extender
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
   Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
   Quad Lane Extender
QLX4300-S45 RENESAS-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com