Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QHX220ICSR Datasheet(PDF) 7 Page - Intersil Corporation

Part # QHX220ICSR
Description  Active Isolation Enhancer and Interference Canceller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

QHX220ICSR Datasheet(HTML) 7 Page - Intersil Corporation

Back Button QHX220ICSR Datasheet HTML 3Page - Intersil Corporation QHX220ICSR Datasheet HTML 4Page - Intersil Corporation QHX220ICSR Datasheet HTML 5Page - Intersil Corporation QHX220ICSR Datasheet HTML 6Page - Intersil Corporation QHX220ICSR Datasheet HTML 7Page - Intersil Corporation QHX220ICSR Datasheet HTML 8Page - Intersil Corporation QHX220ICSR Datasheet HTML 9Page - Intersil Corporation QHX220ICSR Datasheet HTML 10Page - Intersil Corporation QHX220ICSR Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN6986.0
October 20, 2009
Electrical Specifications Typical test conditions (TTC) VDD = 1.8V, TA = +25°C, and PIN < -48 dBm, unless otherwise
noted. Extreme Characterization Conditions (ECC) are VDD = 1.7V to 1.9V, TA = -40°C to
+85°C. Output load test condition is 50Ω in parallel with 50Ω unless otherwise stated.
Electrical specifications reflect performance of QFN packaged devices.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS NOTES
Frequency Coverage
0.3
3
GHz
11
Max. Gain (high gain mode)
UHF-Band 450MHz/770MHz
8.4/-3
14.9/8.0
18/11.8
dB
12
L-Band 1575MHz
7.3
12.0
16.3
dB
12
ISM Band 2400MHz
2.0
dB
12
Max. Gain (low gain mode)
UHF-Band 450MHz/770MHz -7.2/-15.4
2.8/-4.1
7.3/1.4
dB
12
L-Band 1575MHz
-5.4
0.9
4.9
dB
12
ISM Band 2400MHz
-9.1
dB
12
Max. Gain (Boost gain mode)
UHF-Band 450MHz/770MHz
17.1/9.2
20.1/12.2
23.1/15.2
dB
12
L-Band 1575MHz
14.7
17.7
20.7
dB
12
ISM Band 2400MHz
7.64
dB
12
Max Dynamic Range
27.4
50
dB
Phase Control Range
0
360
°
Absolute Gain Accuracy over
ECC
UHF-Band 450MHz/770MHz
-2.5
1.5
dB
13, 18
L-Band 1575MHz
-2.5
1.5
dB
13, 18
ISM Band 2400MHz
dB
13, 18
IIP3 of Sampler Input
(high gain mode)
UHF-Band 450MHz/770MHz
-34.7/-24.7
dBm
18
L-Band 1575MHz
-34.8
-31.3
dBm
18
ISM Band 2400MHz
-20.75
dBm
18
IIP3 of Sampler Input
(low gain mode)
UHF-Band 450MHz/770MHz
-33.4/-25.1
dBm
18
L-Band 1575MHz
-35.1
-31.5
dBm
18
ISM Band 2400MHz
-23
dBm
18
IIP3 of Sampler Input
(Boost high gain mode)
UHF-Band 450MHz/770MHz -46.3/-34.5
-42.8/-31.0
dBm
18
L-Band 1575MHz
-40.48
-36.98
dBm
18
ISM Band 2400MHz
-24
dBm
18
Output Noise Power
(high gain mode)
UHF-Band 450MHz/770MHz
-158.8/-164.1
dBm/Hz
14, 18
L-Band 1575MHz
-161.7
dBm/Hz
14, 18
ISM Band 2400MHz
-168.7
dBm/Hz
14, 18
Output Noise Power
(low gain mode)
UHF-Band 450MHz/770MHz
-168.6/-171.6
dBm/Hz
14, 18
L-Band 1575MHz
-169.8
dBm/Hz
14, 18
ISM Band 2400MHz
-173.1
dBm/Hz
14, 18
Output Noise Power
(Boost high gain mode)
UHF-Band 450MHz/770MHz
-153.9/-160.5
dBm/Hz
14, 18
L-Band 1575MHz
-156.1
dBm/Hz
14, 18
ISM Band 2400MHz
-164.7
dBm/Hz
14, 18
LNA Noise Figure (high gain
mode)
UHF-Band 450MHz/770MHz
1.5
dBm
15, 18
L-Band 1575MHz
1.5
dBm
15, 18
ISM Band 2400MHz
2.0
dBm
15, 18
QHx220


Similar Part No. - QHX220ICSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QHX220ICSR RENESAS-QHX220ICSR Datasheet
1Mb / 19P
   Active Isolation Enhancer and Interference Canceller
More results

Similar Description - QHX220ICSR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QHX220 RENESAS-QHX220 Datasheet
1Mb / 19P
   Active Isolation Enhancer and Interference Canceller
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
   ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
logo
New Japan Radio
NJM2209 NJRC-NJM2209 Datasheet
196Kb / 4P
   VIDEO PICTURE ENHANCER
logo
Rohm
BU1570KN ROHM-BU1570KN_09 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
logo
CML Microcircuits
FX002 CMLMICRO-FX002 Datasheet
112Kb / 7P
   Signal to Noise Enhancer
logo
Samsung semiconductor
KA2272D SAMSUNG-KA2272D Datasheet
152Kb / 6P
   FM NOISE CANCELLER
logo
Sanyo Semicon Device
LA2110 SANYO-LA2110 Datasheet
159Kb / 6P
   FM Noise Canceller
logo
MORNSUN Science& Techno...
T6630B MORNSUN-T6630B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
T5230B MORNSUN-T5230B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
T1530B MORNSUN-T1530B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com