Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97677IRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97677IRZ
Description  SMBus/I2C 8-Channel LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97677IRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97677IRZ Datasheet HTML 1Page - Intersil Corporation ISL97677IRZ Datasheet HTML 2Page - Intersil Corporation ISL97677IRZ Datasheet HTML 3Page - Intersil Corporation ISL97677IRZ Datasheet HTML 4Page - Intersil Corporation ISL97677IRZ Datasheet HTML 5Page - Intersil Corporation ISL97677IRZ Datasheet HTML 6Page - Intersil Corporation ISL97677IRZ Datasheet HTML 7Page - Intersil Corporation ISL97677IRZ Datasheet HTML 8Page - Intersil Corporation ISL97677IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
SMBus/I2C 8-Channel LED Driver
ISL97677
The ISL97677 is an SMBus/I2C controlled multi-channel
LED driver for notebook and monitor LCD backlight
applications with PWM dimming and fault reporting
functions. The ISL97677 is capable of driving typically
96 pieces of 3.4V/50mA LEDs. The ISL97677 has
multiple channels of voltage controlled current sources
with typical currents matching to ±0.7%, which
compensate for the non-uniformity effect of forward
voltages variance in the LED strings. To minimize the
voltage headroom and power loss in the typical
multi-string operation, the ISL97677 features dynamic
headroom control that monitors the highest LED forward
voltage string and uses its feedback signal for output
regulation.
The ISL97677 can operate in multiple modes of
operations. It can be controlled by SMBus/I2C
communications and an external PWM dimming signal
with currents matching of ±1% across all ranges.
The ISL97677 features extensive protection functions
that include string open and short circuit detections, OVP,
and OTP. The fault conditions will be recorded in the
Fault/Status register. There are selectable short-circuit
thresholds and the switching frequency can be
programmed between 500kHz and 1.5MHz.
ISL97677 is available in the 32 Leads QFN 5mmx5mm
and operate from -40°C to +85°C with input voltage
ranges from 4.75V to 26V.
Features
• 8 Channels
• 4.75V ~ 26V Input
•45V Maximum Output
• Drive Typically 96 LEDs (3.4V/50mA each)
• Dimming Controls
-SMBus/I2C 8-Bit PWM Dimming
- SMBus and External PWM DPST Dimming Control
- External PWM Dimming with or without SMBus/I2C
- PWM Dimming range from 0.4% to 100%
• Current Matching ±0.7%
•Protections
- String Open Circuit and Short Circuit Detections,
OVP, and OTP
• Adjustable Dimming Frequency
• Adjustable Switching Frequency
• 32 Ld (5mmx5mm) QFN Package
Applications
• Notebook Displays WLED or RGB LED Backlighting
• LCD Monitor LED Backlighting
November 13, 2009
FN6996.1


Similar Part No. - ISL97677IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97677IRZ RENESAS-ISL97677IRZ Datasheet
1Mb / 24P
   SMBus/I2C 8-Channel LED Driver
More results

Similar Description - ISL97677IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
   SMBus/I2C 8-Channel LED Driver
logo
Intersil Corporation
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
   SMBus 8-Channel LED Driver
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
741Kb / 28P
   SMBus 8-Channel LED Driver
December 22, 2008
logo
Renesas Technology Corp
ISL97635 RENESAS-ISL97635 Datasheet
1Mb / 28P
   SMBus 8-Channel LED Driver
logo
Intersil Corporation
ISL97635AIRZ-TK INTERSIL-ISL97635AIRZ-TK Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
ISL97635A INTERSIL-ISL97635A Datasheet
728Kb / 28P
   SMBus 6-Channel LED Driver
logo
Renesas Technology Corp
ISL97635A RENESAS-ISL97635A Datasheet
1Mb / 29P
   SMBus 6-Channel LED Driver
logo
Intersil Corporation
ISL97635AIRZ INTERSIL-ISL97635AIRZ Datasheet
729Kb / 28P
   SMBus 6-Channel LED Driver
December 22, 2008
logo
Texas Instruments
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com