Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6621AUB+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6621AUB+
Description  PECI-to-I2C Translator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6621AUB+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6621AUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX6621AUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX6621AUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX6621AUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX6621AUB+ Datasheet HTML 10Page - Maxim Integrated Products MAX6621AUB+ Datasheet HTML 11Page - Maxim Integrated Products MAX6621AUB+ Datasheet HTML 12Page - Maxim Integrated Products MAX6621AUB+ Datasheet HTML 13Page - Maxim Integrated Products MAX6621AUB+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PECI-to-I2C Translator
10
______________________________________________________________________________________
Temperature Commands
Table 11 shows the different commands for selecting
one of the PECI hosts or getting the maximum tempera-
ture. Read commands are initiated by the MAX6621,
and the result returned is a 16-bit word with the least
significant bit (LSB) clocked in first for the selected
PECI host.
The result consists of RESLO for the 8 LSBs and RESHI
for the 8 MSBs, resulting in a 16-bit word. The 16-bit
words are temperature values read from the PECI inter-
face. PECI-enabled Intel microprocessors return tem-
perature data in fractions of 1°C below the
thermal-control-circuit activation point, resulting in neg-
ative return values that do not represent absolute tem-
peratures. Absolute temperatures can be achieved by
setting the temperature offset in CONFIG2.
Table 12 shows example return values for an Intel CPU.
Note that the MAX6621 does not interpret the return
ADDRESS
REGISTER
TYPE
RESULT
00h
Socket 0, domain 0
01h
Socket 0, domain 1
02h
Socket 1, domain 0
03h
Socket 1, domain 1
04h
Socket 2, domain 0
05h
Socket 2, domain 1
06h
Socket 3, domain 0
07h
Socket 3, domain 1
08h
Read maximum temperature for all enabled
sockets/domains
ReadWord
16-bit words
Table 11. Read Temperature
CONFIG2
RESHI:RESLO
RELATIVE
TEMPERATURE (°C)
16 BITS
ALTERNATE
16 BITS
ALTERNATE
0000
0000
FFC0
FFFF
-1
17C0
005F
1780
005E
0000
0000
F700
FFDC
-36
17C0
005F
0ec0
003B
0000
0000
F6C0
FFDB
-37
17C0
005F
0E80
003A
0000
0000
F680
FFDA
-38
17C0
005F
0E40
0039
0000
0000
F640
FFD9
-39
17C0
005F
0E00
0038
0000
0000
F600
FFD8
-40
17C0
005F
0DC0
0037
0000
0000
F5C0
FFD7
-41
17C0
005F
0D80
0036
0000
0000
F580
FFD6
-42
17C0
005F
0D40
0035
0000
0000
F540
FFD5
-43
17C0
005F
0D00
0034
Table 12. Return Temperature Values


Similar Part No. - MAX6621AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6621AUB++ MAXIM-MAX6621AUB+ Datasheet
168Kb / 18P
   PECI-to-I2C Translator
Rev 0; 1/07
MAX6621AUB++ MAXIM-MAX6621AUB+ Datasheet
171Kb / 18P
   PECI-to-I2C Translator
Rev 1; 9/07
MAX6621AUB+T MAXIM-MAX6621AUB+T Datasheet
168Kb / 18P
   PECI-to-I2C Translator
Rev 0; 1/07
MAX6621AUB+T MAXIM-MAX6621AUB+T Datasheet
171Kb / 18P
   PECI-to-I2C Translator
Rev 1; 9/07
More results

Similar Description - MAX6621AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6621_0709 MAXIM-MAX6621_0709 Datasheet
171Kb / 18P
   PECI-to-I2C Translator
Rev 1; 9/07
MAX6618 MAXIM-MAX6618 Datasheet
159Kb / 18P
   PECI-to-I2C Translator
Rev 1; 8/07
MAX6621 MAXIM-MAX6621 Datasheet
168Kb / 18P
   PECI-to-I2C Translator
Rev 0; 1/07
MAX6618 MAXIM-MAX6618_13 Datasheet
366Kb / 17P
   PECI-to-I2C Translator
Rev 4; 5/13
logo
NXP Semiconductors
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
TDA9950 NXP-TDA9950 Datasheet
425Kb / 22P
   CEC/I2C-bus translator
Rev. 02-22 October 2009
logo
Linear Technology
LTC4316 LINER-LTC4316 Datasheet
490Kb / 8P
   Single I2C/SMBus Address Translator
LTC4318 LINER-LTC4318_15 Datasheet
213Kb / 14P
   Dual I2C/SMBus Address Translator
LTC4316 LINER-LTC4316_15 Datasheet
225Kb / 14P
   Single I2C/SMBus Address Translator
LTC4317 LINER-LTC4317_15 Datasheet
214Kb / 14P
   Dual I2C/SMBus Address Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com