Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6642 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6642
Description  ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6642 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6642 Datasheet HTML 6Page - Maxim Integrated Products MAX6642 Datasheet HTML 7Page - Maxim Integrated Products MAX6642 Datasheet HTML 8Page - Maxim Integrated Products MAX6642 Datasheet HTML 9Page - Maxim Integrated Products MAX6642 Datasheet HTML 10Page - Maxim Integrated Products MAX6642 Datasheet HTML 11Page - Maxim Integrated Products MAX6642 Datasheet HTML 12Page - Maxim Integrated Products MAX6642 Datasheet HTML 13Page - Maxim Integrated Products MAX6642 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
range. We have observed variations in remote tempera-
ture readings of less than
±2°C with a variety of dis-
crete transistors. Still, it is good design practice to
verify good consistency of temperature readings with
several discrete transistors from any manufacturer
under consideration.
ADC Noise Filtering
The integrating ADC used has good noise rejection for
low-frequency signals such as 60Hz/120Hz power-sup-
ply hum. In noisy environments, high-frequency noise
reduction is needed for high-accuracy remote mea-
surements. The noise can be reduced with careful PCB
layout and proper external noise filtering.
High-frequency EMI is best filtered at DXP with an
external 2200pF capacitor. Larger capacitor values can
be used for added filtering, but do not exceed 3300pF
because excessive capacitance can introduce errors
due to the rise time of the switched current source.
Nearly all noise sources tested cause the temperature
conversion results to be higher than the actual temper-
ature, typically by +1°C to +10°C, depending on the
frequency and amplitude (see the
Typical Operating
Characteristics).
PCB Layout
Follow these guidelines to reduce the measurement
error of the temperature sensors:
1) Connect the thermal-sense diode to the MAX6642
using two traces—one between DXP and the
anode, the other between the MAX6642’s GND and
the cathode. Do not connect the cathode to GND at
the sense diode.
2) Place the MAX6642 as close as is practical to the
remote thermal diode. In noisy environments, such
as a computer motherboard, this distance can be
4in to 8in (typ). This length can be increased if the
worst noise sources are avoided. Noise sources
include CRTs, clock generators, memory buses,
and ISA/PCI buses.
3) Do not route the thermal diode lines next to the
deflection coils of a CRT. Also, do not route the
traces across fast digital signals, which can easily
introduce a 30°C error, even with good filtering.
4) Route the thermal diode traces in parallel and in
close proximity to each other, away from any higher
voltage traces, such as +12VDC. Leakage currents
from PCB contamination must be dealt with careful-
ly since a 20M
Ω leakage path from DXP to ground
causes about +1°C error. If high-voltage traces are
unavoidable, connect guard traces to GND on
either side of the DXP trace (Figure 4).
5) Route through as few vias and crossunders as pos-
sible to minimize copper/solder thermocouple
effects.
6) When introducing a thermocouple, make sure that
both the thermal diode paths have matching ther-
mocouples. A copper-solder thermocouple exhibits
3µV/°C, and it takes about 200µV of voltage error at
DXP to cause a +1°C measurement error. Adding a
few thermocouples causes a negligible error.
7) Use wide traces. Narrow traces are more inductive
and tend to pick up radiated noise. The 10-mil
widths and spacing recommended in Figure 4 are
not absolutely necessary, as they offer only a minor
improvement in leakage and noise over narrow
traces. Use wider traces when practical.
8) Add a 47
Ω resistor in series with VCC for best noise
filtering (see the
Typical Operating Circuit).
9) Copper cannot be used as an EMI shield; only fer-
rous materials such as steel work well. Placing a
copper ground plane between the DXP-DXN traces
and traces carrying high-frequency noise signals
does not help reduce EMI.
Twisted-Pair and Shielded Cables
Use a twisted-pair cable to connect the remote sensor
for remote-sensor distances longer than 8in or in very
noisy environments. Twisted-pair cable lengths can be
between 6ft and 12ft before noise introduces excessive
errors. For longer distances, the best solution is a
shielded twisted pair like that used for audio micro-
phones. For example, Belden #8451 works well for dis-
tances up to 100ft in a noisy environment. At the
device, connect the twisted pair to DXP and GND and
the shield to GND. Leave the shield unconnected at the
remote diode.
For very long cable runs, the cable’s parasitic capaci-
tance often provides noise filtering, so the 2200pF
capacitor can often be removed or reduced in value.
±1°C, SMBus-Compatible Remote/Local
Temperature Sensor with Overtemperature Alarm
______________________________________________________________________________________
11
MINIMUM
10 mils
10 mils
10 mils
10 mils
THERMAL DIODE CATHODE/GND
THERMAL DIODE ANODE/DXP
GND
GND
Figure 4. Recommended DXP PC Traces


Similar Part No. - MAX6642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6642 MAXIM-MAX6642 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642 MAXIM-MAX6642 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642ATT90 MAXIM-MAX6642ATT90 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT90-T MAXIM-MAX6642ATT90-T Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
More results

Similar Description - MAX6642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com