Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6642 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6642
Description  ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6642 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6642 Datasheet HTML 1Page - Maxim Integrated Products MAX6642 Datasheet HTML 2Page - Maxim Integrated Products MAX6642 Datasheet HTML 3Page - Maxim Integrated Products MAX6642 Datasheet HTML 4Page - Maxim Integrated Products MAX6642 Datasheet HTML 5Page - Maxim Integrated Products MAX6642 Datasheet HTML 6Page - Maxim Integrated Products MAX6642 Datasheet HTML 7Page - Maxim Integrated Products MAX6642 Datasheet HTML 8Page - Maxim Integrated Products MAX6642 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
±1°C, SMBus-Compatible Remote/Local
Temperature Sensor with Overtemperature Alarm
_______________________________________________________________________________________
3
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Timing specifications guaranteed by design.
Note 3: The serial interface resets when SCLK is low for more than tTIMEOUT.
Note 4: A transition must internally provide at least a hold time to bridge the undefined region (300ns max) of SCLK’s falling edge.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at VCC = +3.3V and TA = +25
°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SMBus-COMPATIBLE INTERFACE (SCLK and SDA)
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
VCC = 3.0V
2.2
V
Input Leakage Current
ILEAK
VIN = GND or 5.5V
-1
+1
µA
Output Low Sink Current
IOL
VOL = 0.6V
6
mA
Input Capacitance
CIN
5pF
SMBus TIMING (Note 2)
Serial Clock Frequency
fSCLK
(Note 3)
100
kHz
Bus Free Time Between STOP
and START Condition
tBUF
4.7
µs
START Condition Setup Time
4.7
µs
Repeat START Condition Setup
Time
tSU:STA
90% to 90%
50
ns
START Condition Hold Time
tHD:STA
10% of SDA to 90% of SCLK
4
µs
STOP Condition Setup Time
tSU:STO
90% of SCLK to 90% of SDA
4
µs
Clock Low Period
tLOW
10% to 10%
4.7
µs
Clock High Period
tHIGH
90% to 90%
4
µs
Data Setup Time
tHD:DAT
(Note 4)
250
µs
Receive SCLK/SDA Rise Time
tR
1µs
Receive SCLK/SDA Fall Time
tF
300
ns
Pulse Width of Spike Suppressed
tSP
050
ns
SMBus Timeout
tTIMEOUT
SDA low period for interface reset
20
28
40
ms


Similar Part No. - MAX6642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6642 MAXIM-MAX6642 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642 MAXIM-MAX6642 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642ATT90 MAXIM-MAX6642ATT90 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT90-T MAXIM-MAX6642ATT90-T Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
More results

Similar Description - MAX6642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com