Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6642ATT94-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6642ATT94-T
Description  ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6642ATT94-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6642ATT94-T Datasheet HTML 3Page - Maxim Integrated Products MAX6642ATT94-T Datasheet HTML 4Page - Maxim Integrated Products MAX6642ATT94-T Datasheet HTML 5Page - Maxim Integrated Products MAX6642ATT94-T Datasheet HTML 6Page - Maxim Integrated Products MAX6642ATT94-T Datasheet HTML 7Page - Maxim Integrated Products MAX6642ATT94-T Datasheet HTML 8Page - Maxim Integrated Products MAX6642ATT94-T Datasheet HTML 9Page - Maxim Integrated Products MAX6642ATT94-T Datasheet HTML 10Page - Maxim Integrated Products MAX6642ATT94-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
register was previously selected by a Write Byte
instruction. Use caution when using the shorter proto-
cols in multimaster systems, as a second master could
overwrite the command byte without informing the first
master.
Read temperature data from the read internal tempera-
ture (00h) and read external temperature (01h) regis-
ters. The temperature data format for these registers is
8 bits for each channel, with the LSB representing +1°C
(Table 1).
Read the additional bits from the read extended tem-
perature byte register (10h, 11h), which extends the
data to 10 bits and the resolution to +0.25
°C per LSB
(Table 2).
When a conversion is complete, the main temperature
register and the extended temperature register are
updated.
Alarm Threshold Registers
Two registers store ALERT threshold values—one each
for the local and remote channels. If either measured
temperature equals or exceeds the corresponding
ALERT threshold value, the ALERT interrupt asserts
unless the ALERT bit is masked.
The power-on-reset (POR) state of the local ALERT
THIGH register is +70
°C (0100 0110). The POR state of
the remote ALERT THIGH register is +120
°C (0111 1000).
Diode Fault Detection
A continuity fault detector at DXP detects an open cir-
cuit on DXP, or a DXP short to VCC or GND. If an open
or short circuit exists, the external temperature register
is loaded with 1111 1111 and status bit 2 (OPEN) of the
status byte is set to 1. Immediately after POR, the status
register indicates that no fault is present. If a fault is
present upon power-up, the fault is not indicated until
the end of the first conversion. Diode faults do not set
the ALERT output.
ALERT Interrupts
The ALERT interrupt occurs when the internal or external
temperature reading exceeds a high temperature limit
(user programmed). The ALERT interrupt output signal is
latched and can be cleared only by reading the status
register after the fault condition no longer exists or by
successfully responding to the alert response address. If
±1°C, SMBus-Compatible Remote/Local
Temperature Sensor with Overtemperature Alarm
_______________________________________________________________________________________
7
SMBCLK
AB
C
D
E
FG
H
I
SMBDATA
tSU:STA
tHD:STA
tLOW
tHIGH
tSU:DAT
tHD:DAT
tSU:STO tBUF
A = START CONDITION
B = MSB OF ADDRESS CLOCKED INTO SLAVE
C = LSB OF ADDRESS CLOCKED INTO SLAVE
D = R/W BIT CLOCKED INTO SLAVE
E = SLAVE PULLS SMBDATA LINE LOW
J
K
F = ACKNOWLEDGE BIT CLOCKED INTO MASTER
G = MSB OF DATA CLOCKED INTO MASTER
H = LSB OF DATA CLOCKED INTO MASTER
I = ACKNOWLEDGE CLOCK PULSE
J = STOP CONDITION
K = NEW START CONDITION
Figure 3. SMBus Read Timing Diagram
TEMP (
°C)
DIGITAL OUTPUT
130.00
1 000 0010
127.00
0 111 1111
126.00
0 111 1110
25
0 001 1001
0.00
0 000 0000
<0.00
0 000 0000
Diode fault (short or open)
1 111 1111
Table 1. Main Temperature Register
(High Byte) Data Format
FRACTIONAL TEMP (°C)
DIGITAL OUTPUT
0.000
00XX XXXX
0.250
01XX XXXX
0.500
10XX XXXX
0.750
11XX XXXX
Table 2. Extended Resolution
Temperature Register (Low Byte) Data
Format


Similar Part No. - MAX6642ATT94-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642ATT94-T MAXIM-MAX6642ATT94-T Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6642ATT94-T MAXIM-MAX6642ATT94-T Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642ATT94-T MAXIM-MAX6642ATT94-T Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642ATT94-T MAXIM-MAX6642ATT94-T Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT94-T MAXIM-MAX6642ATT94-T Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
More results

Similar Description - MAX6642ATT94-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com