Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6642ATT96-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6642ATT96-T
Description  ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6642ATT96-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6642ATT96-T Datasheet HTML 1Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 2Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 3Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 4Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 5Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 6Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 7Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 8Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX6642 precise, two-channel digital temperature
sensor accurately measures the temperature of its own
die and a remote PN junction and reports the tempera-
ture data over a 2-wire serial interface. The remote PN
junction is typically a substrate PNP transistor on the
die of a CPU, ASIC, GPU, or FPGA. The remote PN
junction can also be a discrete diode-connected small-
signal transistor.
The 2-wire serial interface accepts standard system
management bus (SMBus™), Write Byte, Read Byte,
Send Byte, and Receive Byte commands to read the
temperature data and to program the alarm thresholds.
To enhance system reliability, the MAX6642 includes an
SMBus timeout. The temperature data format is 10 bit
with the least significant bit (LSB) corresponding to
+0.25°C. The ALERT output asserts when the local or
remote overtemperature thresholds are violated. A fault
queue may be used to prevent the ALERT output from
setting until two consecutive faults have been detected.
Measurements can be done autonomously or in a sin-
gle-shot mode.
Remote accuracy is ±1°C maximum error between
+60°C and +100°C. The MAX6642 operates from -40°C
to +125°C, and measures remote temperatures
between 0°C and +150°C. The MAX6642 is available in
a 6-pin TDFN package with an exposed pad.
Applications
Desktop Computers
Notebook Computers
Servers
Thin Clients
Test and Measurement
Workstations
Graphic Cards
Features
o Dual Channel: Measures Remote and Local
Temperature
o +0.25°C Resolution
o High Accuracy ±1°C (max) (Remote) and
±2°C (Local) from +60°C to +100°C
o Measures Remote Temperature Up to +150°C
o Programmable Overtemperature Alarm
Temperature Thresholds
o SMBus/I2C-Compatible Interface
o Tiny TDFN Package with Exposed Pad
±1°C, SMBus-Compatible Remote/Local
Temperature Sensor with Overtemperature Alarm
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-2920; Rev 3; 10/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX6642ATT90-T
-40°C to +125°C
6 TDFN-EP*
MAX6642ATT92-T
-40°C to +125°C
6 TDFN-EP*
MAX6642ATT94-T
-40°C to +125°C
6 TDFN-EP*
MAX6642ATT96-T
-40°C to +125°C
6 TDFN-EP*
MAX6642ATT98-T
-40°C to +125°C
6 TDFN-EP*
MAX6642ATT9A-T
-40°C to +125°C
6 TDFN-EP*
MAX6642ATT9C-T
-40°C to +125°C
6 TDFN-EP*
MAX6642ATT9E-T
-40°C to +125°C
6 TDFN-EP*
MAX6642
2200pF
0.1
μF
μP
DXP
GND
SDA
SCLK
ALERT
DATA
CLOCK
INTERRUPT TO
μP
47
Ω
10k
Ω EACH
3.3V
VCC
Typical Operating Circuit
PART
MEASURED TEMP RANGE
TOP
MARK
MAX6642ATT90-T
0°C to +150°C
AFC
MAX6642ATT92-T
0°C to +150°C
AFD
MAX6642ATT94-T
0°C to +150°C
AFE
MAX6642ATT96-T
0°C to +150°C
AFF
MAX6642ATT98-T
0°C to +150°C
AEW
MAX6642ATT9A-T
0°C to +150°C
AFG
MAX6642ATT9C-T
0°C to +150°C
AFH
MAX6642ATT9E-T
0°C to +150°C
AFI
Selector Guide
T = Tape and reel.
*
EP = Exposed pad.
Pin Configuration and Functional Diagram appear at end of
data sheet.
SMBus is a trademark of Intel Corp.


Similar Part No. - MAX6642ATT96-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642ATT96-T MAXIM-MAX6642ATT96-T Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6642ATT96-T MAXIM-MAX6642ATT96-T Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642ATT96-T MAXIM-MAX6642ATT96-T Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642ATT96-T MAXIM-MAX6642ATT96-T Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT96-T MAXIM-MAX6642ATT96-T Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
More results

Similar Description - MAX6642ATT96-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com