Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6642ATT96-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6642ATT96-T
Description  ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6642ATT96-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6642ATT96-T Datasheet HTML 2Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 3Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 4Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 5Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 6Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 7Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 8Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 9Page - Maxim Integrated Products MAX6642ATT96-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
±1°C, SMBus-Compatible Remote/Local
Temperature Sensor with Overtemperature Alarm
6
_______________________________________________________________________________________
S
ADDRESS
WR
ACK
ACK
P
DATA
ACK
COMMAND
7 BITS
1
8 BITS
8 BITS
SLAVE ADDRESS: EQUIVA-
LENT TO CHIP-SELECT LINE OF
A 3-WIRE INTERFACE
DATA BYTE: DATA GOES INTO THE REGISTER
SET BY THE COMMAND BYTE (TO SET
THRESHOLDS, CONFIGURATION MASKS, AND
SAMPLING RATE)
WRITE BYTE FORMAT
S
ADDRESS
ADDRESS
WR
ACK
ACK
P
S
RD
ACK
///
DATA
COMMAND
7 BITS
7 BITS
8 BITS
8 BITS
READ BYTE FORMAT
SLAVE ADDRESS: EQUIVA-
LENT TO CHIP SELECT LINE
COMMAND BYTE: SELECTS
WHICH REGISTER YOU ARE
REDING FROM
SP
ADDRESS
WR
ACK
ACK
COMMAND
7 BITS
8 BITS
SEND BYTE FORMAT
COMMAND BYTE: SENDS COM-
MAND WITH NO DATA, USUALLY
USED FOR ONE-SHOT COMMAND
SP
ADDRESS
RD
ACK
///
DATA
7 BITS
8 BITS
RECEIVE BYTE FORMAT
DATA BYTE: READS DATA FROM
THE REGISTER COMMANDED
BY THE LAST READ BYTE OR
WRITE BYTE TRANSMISSION;
ALSO USED FOR SMBUS ALERT
RESPONSE RETURN ADDRESS
SLAVE ADDRESS: REPEATED
DUE TO CHANGE IN DATA-
FLOW DIRECTION
DATA BYTE: READS FROM
THE REGISTER SET BY THE
COMMAND BYTE
S = START CONDITION
P = STOP CONDITION
SHADED = SLAVE TRANSMISSION
/// = NOT ACKNOWLEDGED
Figure 1. SMBus Protocols
SMBCLK
A = START CONDITION
B = MSB OF ADDRESS CLOCKED INTO SLAVE
C = LSB OF ADDRESS CLOCKED INTO SLAVE
D = R/W BIT CLOCKED INTO SLAVE
AB
C
D
E
FG
HI
J
SMBDATA
tSU:STA tHD:STA
tLOW
tHIGH
tSU:DAT
tSU:STO tBUF
LM
K
E = SLAVE PULLS SMBDATA LINE LOW
F = ACKNOWLEDGE BIT CLOCKED INTO MASTER
G = MSB OF DATA CLOCKED INTO SLAVE
H = LSB OF DATA CLOCKED INTO SLAVE
I = SLAVE PULLS DATA LINE LOW
J = ACKNOWLEDGE CLOCKED INTO MASTER
K = ACKNOWLEDGE CLOCK PULSE
L = STOP CONDITION
M = NEW START CONDITION
Figure 2. SMBus Write Timing Diagram


Similar Part No. - MAX6642ATT96-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642ATT96-T MAXIM-MAX6642ATT96-T Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6642ATT96-T MAXIM-MAX6642ATT96-T Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642ATT96-T MAXIM-MAX6642ATT96-T Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642ATT96-T MAXIM-MAX6642ATT96-T Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT96-T MAXIM-MAX6642ATT96-T Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
More results

Similar Description - MAX6642ATT96-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com