Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CW032082YQ-5 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # 2CW032082YQ-5
Description  2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW032082YQ-5 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  2CW032082YQ-5 Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW032082YQ-5 Datasheet HTML 2Page - Silan Microelectronics Joint-stock 2CW032082YQ-5 Datasheet HTML 3Page - Silan Microelectronics Joint-stock 2CW032082YQ-5 Datasheet HTML 4Page - Silan Microelectronics Joint-stock 2CW032082YQ-5 Datasheet HTML 5Page - Silan Microelectronics Joint-stock 2CW032082YQ-5 Datasheet HTML 6Page - Silan Microelectronics Joint-stock 2CW032082YQ-5 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2CW032XXXYQ
2CW032560YQ-5
53.2~58.8
1000
135
0.1
42
2CW032620YQ-5
58.9~65.1
1000
150
0.1
46.5
2CW032680YQ-5
64.6~71.4
1000
200
0.1
51
2CW032750YQ-5
71.25~78.75
1500
250
0.1
56
Forward Voltage VF= 1.0 V Maximum @ IF = 100 mA for all 2CW032XXXYQ-5 series.
*Note: from 39V up to 75V Vz@Iz=2.5mA, Zzt@Iz=2.5mA,Zzk@Iz=0.5mA.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.02.27
Http: www.silan.com.cn
Page 5 of 7


Similar Part No. - 2CW032082YQ-5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032082YQ-PA SILAN-2CW032082YQ-PA Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW032082YQ-PB SILAN-2CW032082YQ-PB Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW032082YQ-PC SILAN-2CW032082YQ-PC Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
More results

Similar Description - 2CW032082YQ-5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032036YQ-PA SILAN-2CW032036YQ-PA Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW035036YQ2 SILAN-2CW035036YQ2 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035036YQPA SILAN-2CW035036YQPA Datasheet
44Kb / 4P
   2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
CD4614 CDI-DIODE-CD4614 Datasheet
112Kb / 2P
   ZENER DIODE CHIPS
CD5518B CDI-DIODE-CD5518B Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com