Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CW035068YQPA Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # 2CW035068YQPA
Description  2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW035068YQPA Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  2CW035068YQPA Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW035068YQPA Datasheet HTML 2Page - Silan Microelectronics Joint-stock 2CW035068YQPA Datasheet HTML 3Page - Silan Microelectronics Joint-stock 2CW035068YQPA Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2CW035XXXYQ-PX
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.03.08
Http: www.silan.com.cn
Page 1 of 4
2CW035XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH
ASYMMETRY LIMITS
DESCRIPTION
Ø
2CW035XXXYQ-PX series are low-power zener diode chips
for glass seal that fabricated in silicon epitaxial planar
technology.
Ø
The series is asymmetrical regulator voltage chips, that is
the upper limit and lower limit is asymmetrical, e.g. Vz=3.0V
chips: the upper limit is 3.25V, the lower limit Is 2.95V ,the
specification is better suitable for customer’
s using habit
Ø
For customer convenient selecting regulator voltage in
narrow limit. The series divided into 4 types for given
regulator voltage and named PA, PB, PC and PD
respectively.
Ø
The chip thickness is 140
µm. The top electrode material is
Ag bump, and the backside electrode material is Ag.
Ø
Chip size: 0.35 X 0.35 (mm)
2.
2CW035XXXYQ-PX CHIP TOPOGRAPHY
2CW035XXXYQ-PX APPEARANCE
Parameter
Symbol
Min.
Type
Max.
Unit
Chip Size
D
280
--
320
µm
Chip Thickness
C
120
--
160
µm
Bump Size
A
215
--
262
µm
Bump Height
B
25
--
60
µm
Scribe Line Width
/
--
40
--
µm
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Test conditions
Value
Unit
Junction Temperature
Tj
----
175
°C
Storage Temperature
Tstg
----
-50~+175
°C
Chip Appearance Diagram


Similar Part No. - 2CW035068YQPA

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW035068YQ SILAN-2CW035068YQ Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035068YQ2 SILAN-2CW035068YQ2 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035068YQ5 SILAN-2CW035068YQ5 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
More results

Similar Description - 2CW035068YQPA

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032036YQ-PA SILAN-2CW032036YQ-PA Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW032020JL-R SILAN-2CW032020JL-R Datasheet
96Kb / 2P
   2CW032XXXJL-R SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
2CW035020JLR SILAN-2CW035020JLR Datasheet
30Kb / 2P
   2CW035XXXJLR SERIES ZNER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
2CW032036YQ-2 SILAN-2CW032036YQ-2 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035036YQ2 SILAN-2CW035036YQ2 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com