Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CW032150YQ-5 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # 2CW032150YQ-5
Description  2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW032150YQ-5 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  2CW032150YQ-5 Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW032150YQ-5 Datasheet HTML 2Page - Silan Microelectronics Joint-stock 2CW032150YQ-5 Datasheet HTML 3Page - Silan Microelectronics Joint-stock 2CW032150YQ-5 Datasheet HTML 4Page - Silan Microelectronics Joint-stock 2CW032150YQ-5 Datasheet HTML 5Page - Silan Microelectronics Joint-stock 2CW032150YQ-5 Datasheet HTML 6Page - Silan Microelectronics Joint-stock 2CW032150YQ-5 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2CW032XXXYQ
2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
DESCRIPTION
2CW032XXXYQ series are low-power zener diode chips for
glass seal that fabricated in silicon epitaxial planar
technology.
The series can provide three precision voltage chips for
different regulator voltage.
The chip thickness is 140
μm. The top electrode material is
Ag bump, and the back-side electrode material is Ag.
Chip size: 0.32 X 0.32 (mm)2.
2CW032XXXYQ CHIP TOPOGRAPHY
2CW032XXXYQ APPEARANCE
Parameter
Symbol
Min.
Type
Max.
Unit
Chip Size
D
290
--
310
μm
Chip Thickness
C
120
--
160
μm
Bump Size
A
196
--
240
μm
Bump Height
B
25
--
55
μm
Scribe Line Width
/
--
40
--
μm
Ordering Specification
Series
Specification
2CW032XXXYQ-2
2% tolerance
2CW032XXXYQ-5
5% tolerance
2CW032XXXYQ
Normal, Approximately 5% tolerance
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Test conditions
Value
Unit
Junction Temperature
Tj
----
175
°C
Storage Temperature
Tstg
----
-50~+175
°C
Chip Appearance Diagram
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.02.27
Http: www.silan.com.cn
Page 1 of 7


Similar Part No. - 2CW032150YQ-5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032150YQ-PA SILAN-2CW032150YQ-PA Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW032150YQ-PB SILAN-2CW032150YQ-PB Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW032150YQ-PC SILAN-2CW032150YQ-PC Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
More results

Similar Description - 2CW032150YQ-5

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032036YQ-PA SILAN-2CW032036YQ-PA Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW035036YQ2 SILAN-2CW035036YQ2 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035036YQPA SILAN-2CW035036YQPA Datasheet
44Kb / 4P
   2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
CD4614 CDI-DIODE-CD4614 Datasheet
112Kb / 2P
   ZENER DIODE CHIPS
CD5518B CDI-DIODE-CD5518B Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com