Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CW032180YQ-PC Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # 2CW032180YQ-PC
Description  2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW032180YQ-PC Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  2CW032180YQ-PC Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW032180YQ-PC Datasheet HTML 2Page - Silan Microelectronics Joint-stock 2CW032180YQ-PC Datasheet HTML 3Page - Silan Microelectronics Joint-stock 2CW032180YQ-PC Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2CW032XXXYQ-PX
(Continued)
Type
Working Voltage
VZ@Iz=5mA
Dynamic resistance
Reverse leakage
current @Tamb=25@ VR
Zzk(
Ω)@
Izk=1mA
Zzt(
Ω)@
Izt=5mA
IR(uA)
2CW032XXXYQ-PX
VZmin-Vzmax(V)
max
max
max
VR(V)
2CW032100YQ-PA
9.19~9.59
2CW032100YQ-PB
9.48~9.9
2CW032100YQ-PC
9.82~10.3
20
120
0.2
7
2CW032110YQ-PA
10.18~10.63
2CW032110YQ-PB
10.5~10.95
2CW032110YQ-PC
10.82~11.26
20
110
0.2
8
2CW032120YQ-PA
11.13~11.63
2CW032120YQ-PB
11.5~11.92
2CW032120YQ-PC
11.8~12.3
25
110
0.2
9
2CW032130YQ-PA
12.18~12.71
2CW032130YQ-PB
12.59~13.16
2CW032130YQ-PC
13.03~13.62
25
110
0.2
10
2CW032150YQ-PA
13.48~14.09
2CW032150YQ-PB
13.95~14.56
2CW032150YQ-PC
14.42~15.02
25
110
0.2
11
2CW032160YQ-PA
14.87~15.5
2CW032160YQ-PB
15.33~15.96
2CW032160YQ-PC
15.79~16.5
25
150
0.2
12
2CW032180YQ-PA
16.34~17.06
2CW032180YQ-PB
16.9~17.67
2CW032180YQ-PC
17.51~18.3
30
150
0.2
13
2CW032200YQ-PA
18.14~18.96
2CW032200YQ-PB
18.8~19.68
2CW032200YQ-PC
19.52~20.45
30
200
0.2
15
2CW032220YQ-PA
20.23~21.08
2CW032220YQ-PB
20.76~21.65
2CW032220YQ-PC
21.22~22.09
2CW032220YQ-PD
21.68~22.61
30
200
0.2
17
2CW032240YQ-PA
22.26~23.12
2CW032240YQ-PB
22.75~23.73
2CW032240YQ-PC
23.29~24.27
2CW032240YQ-PD
23.81~24.81
35
200
0.2
19
(To be continued)
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.02.28
Http: www.silan.com.cn
Page 3 of 4


Similar Part No. - 2CW032180YQ-PC

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032180YQ-2 SILAN-2CW032180YQ-2 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW032180YQ-5 SILAN-2CW032180YQ-5 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
More results

Similar Description - 2CW032180YQ-PC

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW035036YQPA SILAN-2CW035036YQPA Datasheet
44Kb / 4P
   2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW032036YQ-2 SILAN-2CW032036YQ-2 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW032020JL-R SILAN-2CW032020JL-R Datasheet
96Kb / 2P
   2CW032XXXJL-R SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
2CW035020JLR SILAN-2CW035020JLR Datasheet
30Kb / 2P
   2CW035XXXJLR SERIES ZNER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
2CW035036YQ2 SILAN-2CW035036YQ2 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com