Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CW035470YQ2 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # 2CW035470YQ2
Description  2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW035470YQ2 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  2CW035470YQ2 Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW035470YQ2 Datasheet HTML 2Page - Silan Microelectronics Joint-stock 2CW035470YQ2 Datasheet HTML 3Page - Silan Microelectronics Joint-stock 2CW035470YQ2 Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2CW035XXXYQ
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.03.08
Http: www.silan.com.cn
Page 3 of 4
2 2CW035XXXYQ-5 series(5% tolerance)
Type
*Working
Voltage@IZ =5mA
*Dynamic resistance
Reverse leakage current
@ Tamb=25
°C@ VR
Vz(V)
Zzk(
Ω)@
Izk=1mA
Zzt(
Ω)@
Izt=5mA
IR( A)
2CW035XXXYQ-5
Vmin-Vmax
max
max
max
VR(V)
2CW035020YQ-5
1.9-2.1
600
85
100
1.0
2CW035022YQ-5
2.09-2.31
600
85
75
1.0
2CW035024YQ-5
2.28~2.52
600
85
50
1.0
2CW035027YQ-5
2.57~2.84
600
85
10
1.0
2CW035030YQ-5
2.85~3.15
600
85
4
1.0
2CW035033YQ-5
3.14~3.47
600
85
2
1.0
2CW035036YQ-5
3.42~3.78
600
85
2
1.0
2CW035039YQ-5
3.71~4.10
600
85
2
1.0
2CW035043YQ-5
4.09~4.52
600
80
1
1.0
2CW035047YQ-5
4.47~4.94
600
70
0.5
1.0
2CW035051YQ-5
4.85~5.36
550
50
0.1
1.0
2CW035056YQ-5
5.32~5.88
450
30
0.1
1.0
2CW035062YQ-5
5.89~6.51
200
10
0.1
2.0
2CW035068YQ-5
6.46~7.14
150
8
0.1
3.0
2CW035075YQ-5
7.13~7.88
50
7
0.1
5.0
2CW035082YQ-5
7.79~8.61
50
7
0.1
6.1
2CW035091YQ-5
8.65~9.56
50
10
0.1
6.8
2CW035100YQ-5
9.50~10.50
70
15
0.1
7.5
2CW035110YQ-5
10.45~11.55
70
20
0.1
8.2
2CW035120YQ-5
11.40~12.60
90
20
0.1
9.0
2CW035130YQ-5
12.40~13.65
110
26
0.1
9.7
2CW035150YQ-5
14.25~15.60
110
30
0.1
11
2CW035160YQ-5
15.30~16.80
170
40
0.1
12
2CW035180YQ-5
17.10~18.90
170
50
0.1
14
2CW035200YQ-5
19.00~21.00
220
55
0.1
15
2CW035220YQ-5
20.90~23.10
220
55
0.1
17
2CW035240YQ-5
22.80~25.20
220
80
0.1
18
2CW035270YQ-5
25.65~28.35
220
80
0.1
20
2CW035300YQ-5
28.50~31.50
220
80
0.1
22
2CW035330YQ-5
31.35~34.65
220
80
0.1
24
2CW035360YQ-5
34.20~37.80
220
80
0.1
27
2CW035390YQ-5
37.05~40.95
500
90
0.1
29
2CW035430YQ-5
40.85~45.15
600
90
0.1
32
2CW035470YQ-5
44.65~49.35
700
110
0.1
35
2CW035510YQ-5
48.45~53.55
700
125
0.1
38
2CW035560YQ-5
53.2~58.8
1000
135
0.1
42
2CW035620YQ-5
58.9~65.1
1000
150
0.1
46.5
2CW035680YQ-5
64.6~71.4
1000
200
0.1
51
2CW035750YQ-5
71.25~78.75
1500
250
0.1
56


Similar Part No. - 2CW035470YQ2

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW035470JL SILAN-2CW035470JL Datasheet
34Kb / 2P
   2CW035XXXJL SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE
More results

Similar Description - 2CW035470YQ2

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032036YQ-2 SILAN-2CW032036YQ-2 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035036YQPA SILAN-2CW035036YQPA Datasheet
44Kb / 4P
   2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW032036YQ-PA SILAN-2CW032036YQ-PA Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
CD4614 CDI-DIODE-CD4614 Datasheet
112Kb / 2P
   ZENER DIODE CHIPS
CD5518B CDI-DIODE-CD5518B Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com