Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70SD201 Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 70SD201
Description  SAW Delay-Line
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

70SD201 Datasheet(HTML) 4 Page - Integrated Technology Future

  70SD201 Datasheet HTML 1Page - Integrated Technology Future 70SD201 Datasheet HTML 2Page - Integrated Technology Future 70SD201 Datasheet HTML 3Page - Integrated Technology Future 70SD201 Datasheet HTML 4Page - Integrated Technology Future 70SD201 Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Delay-Line 70SD201
Part No.
70SD201
Rev. Date
2004-07-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
ND2002-CS02
CH1
S21
LOG
10 dB/
REF -14.02 dB
CENTER
70. 000 000 MHz
SPAN
70. 000 000 MHz
70SD201
Cor
PRm
7 Jul 2004 22:39:02
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
32. 726711
MHz
cent :
70. 591964
MHz
Q: 2. 1570
1_loss : -14 . 003 dB
CH2
S21
LOG
1 dB/
REF -14 dB
Cor
PRm
CH4
S21
DEL
20 ns/
REF 2.45 us
CENTER
70. 000 000 MHz
SPAN
35. 000 000 MHz
Cor
Smo
7 Jul 2004 22:42:43
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW:
23. 382033
MHz
cent :
70. 123547
MHz
Q: 2. 9990
1_loss : -14 . 020 dB
4
1
2
3
3: -1 . 1337 ns
20. 000 000 MHz
REF=2
CH4 Markers
mean : 2. 4587 us
s. dev : 5. 1424 ns
p-p : 24. 937 ns
6. Typical Performance ( at +25
)


Similar Part No. - 70SD201

ManufacturerPart #DatasheetDescription
logo
Littelfuse
70S00000Z LITTELFUSE-70S00000Z Datasheet
100Kb / 1P
   Alarm Indicating Fuse
logo
QUARTZCOM the communica...
70S15A QUARTZCOM-70S15A Datasheet
176Kb / 1P
   -20 ~ 70 째C commercia l application -30 ~ 75 째C on request
logo
Infineon Technologies A...
70S1K4CE INFINEON-70S1K4CE Datasheet
1Mb / 15P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-16
70S1K4P7 INFINEON-70S1K4P7 Datasheet
943Kb / 13P
   700V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-13
70S1K5 INFINEON-70S1K5 Datasheet
1Mb / 13P
   700V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29
More results

Similar Description - 70SD201

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
160D252 ITF-160D252 Datasheet
149Kb / 5P
   SAW Delay-Line
881D251 ITF-881D251 Datasheet
152Kb / 5P
   SAW Delay-Line
881D252 ITF-881D252 Datasheet
153Kb / 5P
   SAW Delay-Line
836D253 ITF-836D253 Datasheet
221Kb / 5P
   SAW Delay-Line
881D253 ITF-881D253 Datasheet
155Kb / 5P
   SAW Delay-Line
836D252 ITF-836D252 Datasheet
150Kb / 5P
   SAW Delay-Line
160D251 ITF-160D251 Datasheet
149Kb / 5P
   SAW Delay-Line
836D251 ITF-836D251 Datasheet
152Kb / 5P
   SAW Delay-Line
65SD201 ITF-65SD201 Datasheet
147Kb / 5P
   SAW Delay-Line
logo
TriQuint Semiconductor
856649 TRIQUINT-856649_15 Datasheet
418Kb / 5P
   2140 MHz SAW Delay Line
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com