Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CW035680YQ2 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # 2CW035680YQ2
Description  2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW035680YQ2 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  2CW035680YQ2 Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW035680YQ2 Datasheet HTML 2Page - Silan Microelectronics Joint-stock 2CW035680YQ2 Datasheet HTML 3Page - Silan Microelectronics Joint-stock 2CW035680YQ2 Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2CW035XXXYQ
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.03.08
Http: www.silan.com.cn
Page 1 of 4
2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
DESCRIPTION
Ø
2CW035XXXYQ series are low-power zener diode chips for
glass seal that fabricated in silicon epitaxial planar
technology.
Ø
The series can provide three kinds of precision voltage
chips for different regulator voltage.
Ø
The chip thickness is 140
µm. The top electrode material is
Ag bump, and the back-side electrode material is Ag.
Ø
Chip size: 0.35 X 0.35 (mm)2.
2CW035XXXYQ CHIP TOPOGRAPHY
2CW035XXXYQ APPEARANCE
Parameter
Symbol
Min.
Type
Max.
Unit
Chip Size
D
280
--
320
µm
Chip Thickness
C
120
--
160
µm
Bump Size
A
215
--
262
µm
Bump Height
B
25
--
60
µm
Scribe Line Width
/
--
40
--
µm
ORDERING INFORMATION
Series
Specification
2CW035XXXYQ-2
2% tolerance
2CW035XXXYQ-5
5% tolerance
2CW035XXXYQ
Normal, Approximately 5% tolerance
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Test conditions
Value
Unit
Junction Temperature
Tj
----
175
°C
Storage Temperature
Tstg
----
-50~+175
°C
Chip Appearance Diagram


Similar Part No. - 2CW035680YQ2

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW035680JL SILAN-2CW035680JL Datasheet
34Kb / 2P
   2CW035XXXJL SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE
More results

Similar Description - 2CW035680YQ2

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032036YQ-2 SILAN-2CW032036YQ-2 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035036YQPA SILAN-2CW035036YQPA Datasheet
44Kb / 4P
   2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW032036YQ-PA SILAN-2CW032036YQ-PA Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
CD4614 CDI-DIODE-CD4614 Datasheet
112Kb / 2P
   ZENER DIODE CHIPS
CD5518B CDI-DIODE-CD5518B Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com