Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8833 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8833
Description  Dual, 3A, 2MHz Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8833 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8833 Datasheet HTML 1Page - Maxim Integrated Products MAX8833 Datasheet HTML 2Page - Maxim Integrated Products MAX8833 Datasheet HTML 3Page - Maxim Integrated Products MAX8833 Datasheet HTML 4Page - Maxim Integrated Products MAX8833 Datasheet HTML 5Page - Maxim Integrated Products MAX8833 Datasheet HTML 6Page - Maxim Integrated Products MAX8833 Datasheet HTML 7Page - Maxim Integrated Products MAX8833 Datasheet HTML 8Page - Maxim Integrated Products MAX8833 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Dual, 3A, 2MHz Step-Down Regulator
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFIN, SS2
TA = +25°C
90
500
REFIN Input Bias Current
VFB_ = 0.610V
TA = +85°C
65
nA
VVDD = 2.35V to 2.6V
0
VVDD -
1.65
REFIN Common-Mode Range
VVDD = 2.6V to 3.6V
0
VVDD -
1.70
V
LX1, LX2 (All Pins Combined)
VIN = VBST - VLX_ = 3.3V
40
55
LX_ On-Resistance, High
ILX_ = -2A
VIN = VBST - VLX_ = 2.5V
42
m
VIN = 3.3V
35
54
LX_ On-Resistance, Low
ILX_ = -2A
VIN = 2.5V
37
m
LX_ Current-Limit Threshold
High-side sourcing and freewheeling
4.6
5.5
6.4
A
TA = +25°C
10
VLX_ = 3.6V
TA = +85°C
-0.1
TA = +25°C
-10
LX_ Leakage Current
VIN = 3.6V,
VEN = 0V
VLX_ = 0V
TA = +85°C
-0.1
µA
RFSYNC = 10k
0.9
1.0
1.1
LX_ Switching Frequency
RFSYNC = 4.75k
1.80
2.0
2.2
MHz
LX_ Minimum Off-Time
50
ns
LX_ Minimum On-Time
95
ns
LX_ Maximum Duty Cycle
RFSYNC = 10k
90
95
%
Maximum LX_ Output Current
3
ARMS
EN1, EN2
EN_ Logic-Low
0.7
V
EN_ Logic-High
1.7
V
TA = +25°C
-1
+1
EN_ Input Current
VEN_ = 0 or 3.6V,
VVDD = 3.6V
TA = +85°C
0.01
µA
SS1, SS2
SS_ Charging Current
VSS_ = 300mV
5
8
11
µA
REFIN, SS2
Discharge Resistance
In shutdown or a fault condition
335
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
(Independent Channels)
+165
°C
Thermal-Shutdown Hysteresis
20
°C
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VVDD = VVDL = 3.3V, VFB = 0.5V, VSS_ = VREFIN = 600mV, PGND_ = GND, RFSYNC = 10kΩ, L = 0.47µH, CBST_ = 0.1µF, CSS =
0.022µF, PWRGD not connected; TA = -40°C to +85°C, typical values are at TA = +25°C, unless otherwise noted.) (Note 2)


Similar Part No. - MAX8833

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8833 MAXIM-MAX8833 Datasheet
335Kb / 21P
   Dual, 3A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8833ETJ++ MAXIM-MAX8833ETJ+ Datasheet
335Kb / 21P
   Dual, 3A, 2MHz Step-Down Regulator
Rev 0; 8/07
More results

Similar Description - MAX8833

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8833 MAXIM-MAX8833 Datasheet
335Kb / 21P
   Dual, 3A, 2MHz Step-Down Regulator
Rev 0; 8/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
MAX8855 MAXIM-MAX8855_09 Datasheet
636Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 2; 4/09
MAX8855 MAXIM-MAX8855 Datasheet
337Kb / 21P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 0; 8/07
logo
Richtek Technology Corp...
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
   3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
   3A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com