Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8893AEWV+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8893AEWV+
Description  μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8893AEWV+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8893AEWV+ Datasheet HTML 7Page - Maxim Integrated Products MAX8893AEWV+ Datasheet HTML 8Page - Maxim Integrated Products MAX8893AEWV+ Datasheet HTML 9Page - Maxim Integrated Products MAX8893AEWV+ Datasheet HTML 10Page - Maxim Integrated Products MAX8893AEWV+ Datasheet HTML 11Page - Maxim Integrated Products MAX8893AEWV+ Datasheet HTML 12Page - Maxim Integrated Products MAX8893AEWV+ Datasheet HTML 13Page - Maxim Integrated Products MAX8893AEWV+ Datasheet HTML 14Page - Maxim Integrated Products MAX8893AEWV+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
µPMICs for Multimedia Application Processors
in a 3.0mm x 2.5mm WLP
______________________________________________________________________________________ 11
ELECTRICAL CHARACTERISTICS (continued)
(Typical Operating Circuit, VIN = 3.7V, CBATT = CIN1 = CIN2 = 2.2FF, CREFBP = 0.1FF, TA = -40NC to +85NC, unless otherwise noted.
Typical values are at TA = +25NC.) (Notes 3, 4)
Note 3: VIN1, VIN2, and VBATT are connected together and single input is referred to as VIN.
Note 4: All units are 100% production tested at TA = +25NC. Limits over the operating temperature range are guaranteed by
design.
Note 5: When the input voltage is greater than 2.85V (typ), the UVLO comparator trips, and the threshold is reduced to 2.35V
(typ). This allows the system to start normally even if the input voltage decays to 2.35V.
Note 6: Not production tested; guaranteed by design.
Note 7: DRON(MAX) = |RON(CH1) - RON(CH2)|.
Note 8: Flatness is defined as the difference between the maximum and minimum value of on-resistance, as measured over
specified analog signal ranges.
Note 9: Between any two switches.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Pulse Width of
Spikes Suppressed
50
ns
LOAD SWITCH (LS)
Input Supply Operating Range
(VBUCK)
After VBUCK starts up
0.8
2.4
V
On-Resistance (RDS(ON))
VBUCK = 1.0V, ILS = 300mA, TA = +25NC
50
100
mI
Turn-On Delay Time (tON_DLY)
VLS = 2.4V, RL = 400I, VENLS =
1.8V, Register LSTOD = 0 (Note 6)
CL = 0.1FF
0.85
F
s
CL = 1FF
0.85
CL = 3FF
0.85
VLS = 2.4V, RL = 400I, VENLS =
1.8V, Register LSTOD = 1
CL = 0.1FF
30
CL = 1FF
34
CL = 3FF
37
LS Rise Time (tR)
VLS = 2.4V, RL = 400I, VENLS =
1.8V, Register LSRT = 0
CL = 0.1FF
10
F
s
CL = 1FF (Note 6)
10
CL = 3FF (Note 6)
10
VLS = 2.4V, RL = 400I, VENLS =
1.8V, Register LSRT = 1
CL = 0.1FF
25
CL = 1FF
27
CL = 3FF
30
VLS = 2.4V, RL = 400I, VENLS =
1.8V, Register LSRT = 2
CL = 0.1FF
100
CL = 1FF
100
CL = 3FF
100
VLS = 2.4V, RL = 400I, VENLS =
1.8V, Register LSRT = 3
CL = 0.1FF
300
CL = 1FF
300
CL = 3FF
300
Turn-Off Delay Time (tOFF_DLY)
VLS = 2.4V, RL = 400I, VENLS =
1.8V
CL = 0.1FF
11
F
s
CL = 1FF
11
CL = 3FF
11
LS Fall Time (tF)
VLS = 2.4V, RL = 400I, VENLS =
1.8V
CL = 0.1FF
15
F
s
CL = 1FF
150
CL = 3FF
447
Shutdown Output Resistance
VLS = 2.4V, VENLS = 0V, LS_ADEN = 1
100
200
I


Similar Part No. - MAX8893AEWV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893AEWV++ MAXIM-MAX8893AEWV+ Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
MAX8893AEWV++ MAXIM-MAX8893AEWV+ Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
More results

Similar Description - MAX8893AEWV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8893A MAXIM-MAX8893A_10 Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
MAX8893CEWVT MAXIM-MAX8893CEWVT Datasheet
5Mb / 51P
   μPMICs for Multimedia Application Processors in a 3.0mm x 2.5mm WLP
Rev 1; 2/10
logo
LUMEX INC.
CCL-CRS10SR-G LUMEX-CCL-CRS10SR-G Datasheet
186Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10UPG LUMEX-CCL-CRS10UPG Datasheet
175Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10USB-A LUMEX-CCL-CRS10USB-A Datasheet
174Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y LUMEX-CCL-CRS10Y Datasheet
180Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10Y-G LUMEX-CCL-CRS10Y-G Datasheet
181Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
SML-LX2530SRELC-TR LUMEX-SML-LX2530SRELC-TR Datasheet
67Kb / 1P
   3.0mm X 2.5mm SURFACE MOUNT LED
CCL-CRS10SA LUMEX-CCL-CRS10SA Datasheet
177Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10SG LUMEX-CCL-CRS10SG Datasheet
182Kb / 2P
   3.0mm X 2.5mm Ceramic Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com