Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9621AUB+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9621AUB+T
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9621AUB+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9621AUB+T Datasheet HTML 6Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 7Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 8Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 9Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 10Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 11Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 12Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 13Page - Maxim Integrated Products MAX9621AUB+T Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface with
Analog and Digital Outputs
11
Sleep Mode Input (SLEEP)
The MAX9621 features an active-low SLEEP input. Pull
SLEEP low for more than 40Fs to put the device into
sleep mode for power saving. In sleep mode, the DOUT1
and DOUT2 outputs are high impedance and are pulled
high by pullup resistors. AOUT1 and AOUT2 are set to
zero-output current.
Hall Input Restart
When an input has been shut down due to a short to
ground, cycle SLEEP for 10Fs to 20Fs to restart the input.
If the other input is operational it is not affected. The
restart happens on the rising edge of SLEEP.
Input Current Thresholds and
Short to Ground
The input current high and low thresholds that determine
the logic level of the digital outputs are adjusted by
changing the RSET value. When the RSET value changes,
the following parameters change as well: IIN_HYS, ISC,
tBL, tRAMP, tDEL, fMAX, and PR.
IIH, IIL, IIN_HYS, ISC, tRAMP, and fMAX are inversely pro-
portional to RSET and decrease as RSET increases. This
inverse relationship is linear. For example, a 10% change in
(1/RSET) results in a 10% change in current parameters.
Conversely, time and delay parameters are linear and
directly proportional to RSET, and a 10% change in RSET
results in an 10% change in time parameters.
The difference between the maximum and minimum
threshold current limits is the min/max limit spread, which
is greater than the threshold hysteresis. The min/max
spread and the hysteresis both change by the same per-
centage as the mean of the threshold current limits. The
following equation is useful for finding the mean of the
threshold current limits given a value of RSET resistance:
(
)
0
1
I I
I 0
R m
=
+
<
×
I is the mean of the threshold current limits, R is
the value of the RSET resistance in kΩ, the constant
I0 = 0.03717mA, and the constant m = -0.001668
(1/(kΩ x mA)).
The following equation is useful for finding the value of
RSET resistance given a mean of the threshold current
limits:
(
)
0
Y Y
m I I 0
1
R
Y
=
+
×
<
=
Y0 = 6.2013 x 10-5 units of (1/kΩ)
To compute the typical input current thresholds from the
mean input current, it is necessary to obtain the hyster-
esis. The following equation finds the hysteresis given
the mean threshold current, I:
H = H0 + k x I (I < 0)
where H0 = -0.033463 in mA, and k = -0.08414 in mA/mA.
Input current threshold high = I - H/2, input current
threshold low = I + H/2.
Application Information
Use of Digital and Analog Outputs
The digital output can be used to provide the FP with an
interrupt signal that can represent a Hall sensor change
of status. DOUT1 and DOUT2 provide a time domain
output filter for robust noise immunity. See Figure 2.
The analog output can be connected to an ADC with an
appropriate load resistor, and can be used to perform
custom diagnostics.
Figure 4. Hall Input Reenergized When Open Input Is Reconnected to Hall Sensor
14V
VIN_
8V
5mA/
µs
HALL INPUT RECONNECTED
TO HALL SENSOR
11.5mA
IIN_
0V
0A
TIME
TIME
VBAT - 500mV
VBAT - 25mV


Similar Part No. - MAX9621AUB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9621AUB+T MAXIM-MAX9621AUB+T Datasheet
2Mb / 15P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 1; 9/11
MAX9621AUB+T MAXIM-MAX9621AUB+T Datasheet
1Mb / 16P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
More results

Similar Description - MAX9621AUB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621_V01 Datasheet
1Mb / 16P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
MAX9621 MAXIM-MAX9621_11 Datasheet
2Mb / 15P
   Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 1; 9/11
MAX9921 MAXIM-MAX9921 Datasheet
745Kb / 16P
   Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
logo
Micronas
HAL700 MICRONAS-HAL700 Datasheet
167Kb / 12P
   Dual Hall-Effect Sensor with Independent Outputs
logo
Honeywell Solid State E...
VF526DT HONEYWELL-VF526DT Datasheet
252Kb / 4P
   Bipolar Latch, Dual Hall-effect Digital Position Sensor with Speer and Direction Outputs
logo
Major-Power Technology ...
MA7954 MPOWER-MA7954 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7953 MPOWER-MA7953 Datasheet
119Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7952 MPOWER-MA7952 Datasheet
104Kb / 2P
   Dual Outputs Linear Hall Effect Sensor
Rev.0.2
logo
Texas Instruments
TMAG5124 TI1-TMAG5124 Datasheet
731Kb / 24P
[Old version datasheet]   TMAG5124 Hall Effect Switch With 2-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com