Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CW035180YQPA Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # 2CW035180YQPA
Description  2CW035XXXYQPX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

2CW035180YQPA Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  2CW035180YQPA Datasheet HTML 1Page - Silan Microelectronics Joint-stock 2CW035180YQPA Datasheet HTML 2Page - Silan Microelectronics Joint-stock 2CW035180YQPA Datasheet HTML 3Page - Silan Microelectronics Joint-stock 2CW035180YQPA Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2CW035XXXYQ-PX
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.03.08
Http: www.silan.com.cn
Page 2 of 4
ELECTRICAL CHARACTERISTICS (For packaged diodes, Tamb=25°C)
Type
Working Voltage
VZ@Iz=5mA
Dynamic resistance
Reverse leakage
current @Tamb=25@ VR
Zzk(
Ω)@
Izk=1mA
Zzt(
Ω)@
Izt=5mA
IR(uA)
2CW035XXXYQ-PX
VZmin-Vzmax(V)
max
max
max
VR(V)
2CW035036YQ-PA
3.47~3.68
2CW035036YQ-PB
3.62~3.83
120
1100
10
1
2CW035039YQ-PA
3.77~3.98
2CW035039YQ-PB
3.92~4.14
120
1200
5
1
2CW035043YQ-PA
4.05~4.26
2CW035043YQ-PB
4.2~4.4
2CW035043YQ-PC
4.34~4.53
120
1200
5
1
2CW035047YQ-PA
4.47~4.65
2CW035047YQ-PB
4.59~4.77
2CW035047YQ-PC
4.71~4.91
100
1200
5
1
2CW035051YQ-PA
4.85~5.03
2CW035051YQ-PB
4.97~5.18
2CW035051YQ-PC
5.12~5.35
70
1200
5
1.5
2CW035056YQ-PA
5.29~5.52
2CW035056YQ-PB
5.46~5.7
2CW035056YQ-PC
5.64~5.88
40
900
5
2.5
2CW035062YQ-PA
5.81~6.06
2CW035062YQ-PB
5.99~6.24
2CW035062YQ-PC
6.16~6.4
30
500
5
3
2CW035068YQ-PA
6.32~6.59
2CW035068YQ-PB
6.52~6.79
2CW035068YQ-PC
6.7~6.97
25
150
2
3.5
2CW035075YQ-PA
6.88~7.19
2CW035075YQ-PB
7.11~7.41
2CW035075YQ-PC
7.33~7.64
25
120
0.5
4
2CW035082YQ-PA
7.56~7.9
2CW035082YQ-PB
7.82~8.15
2CW035082YQ-PC
8.07~8.41
20
120
0.5
5
2CW035091YQ-PA
8.33~8.7
2CW035091YQ-PB
8.61~8.99
2CW035091YQ-PC
8.89~9.29
20
120
0.5
6
(To be continued)


Similar Part No. - 2CW035180YQPA

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW035180YQ SILAN-2CW035180YQ Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035180YQ2 SILAN-2CW035180YQ2 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035180YQ5 SILAN-2CW035180YQ5 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
More results

Similar Description - 2CW035180YQPA

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2CW032036YQ-PA SILAN-2CW032036YQ-PA Datasheet
165Kb / 4P
   2CW032XXXYQ-PX SERIES ZENER DIODE CHIPS FOR GLASS SEAL WITH ASYMMETRY LIMITS
2CW032020JL-R SILAN-2CW032020JL-R Datasheet
96Kb / 2P
   2CW032XXXJL-R SERIES ZENER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
2CW035020JLR SILAN-2CW035020JLR Datasheet
30Kb / 2P
   2CW035XXXJLR SERIES ZNER DIODE CHIPS FOR PLASTIC PACKAGE WITH ASYMMETRY LIMITS
2CW032036YQ-2 SILAN-2CW032036YQ-2 Datasheet
230Kb / 7P
   2CW032XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
2CW035036YQ2 SILAN-2CW035036YQ2 Datasheet
56Kb / 4P
   2CW035XXXYQ SERIES ZENER DIODE CHIPS FOR GLASS SEAL
logo
Compensated Deuices Inc...
CD5333B CDI-DIODE-CD5333B Datasheet
82Kb / 2P
   ZENER DIODE CHIPS
CD4728A CDI-DIODE-CD4728A Datasheet
120Kb / 2P
   ZENER DIODE CHIPS
CD4678 CDI-DIODE-CD4678 Datasheet
114Kb / 2P
   ZENER DIODE CHIPS
CD5221B CDI-DIODE-CD5221B Datasheet
205Kb / 2P
   ZENER DIODE CHIPS
CD746A CDI-DIODE-CD746A Datasheet
111Kb / 2P
   ZENER DIODE CHIPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com