Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9728B Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9728B
Description  60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9728B Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9728B Datasheet HTML 1Page - Maxim Integrated Products MAX9728B Datasheet HTML 2Page - Maxim Integrated Products MAX9728B Datasheet HTML 3Page - Maxim Integrated Products MAX9728B Datasheet HTML 4Page - Maxim Integrated Products MAX9728B Datasheet HTML 5Page - Maxim Integrated Products MAX9728B Datasheet HTML 6Page - Maxim Integrated Products MAX9728B Datasheet HTML 7Page - Maxim Integrated Products MAX9728B Datasheet HTML 8Page - Maxim Integrated Products MAX9728B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
60mW, DirectDrive, Stereo Headphone
Amplifier with Shutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V, PGND = SGND, SHDN = 5V, C1 = C2 = 1µF, RL =
∞, resistive load reference to ground; for MAX9728A gain = -1.5V/V
(RIN = 20k
Ω, RF = 30kΩ); for MAX9728B gain = -1.5V/V (internally set), TA = -40°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BW = 22Hz to 22kHz
102
RL = 1k
Ω,
VOUT = 2VRMS
A-weighted
105
BW = 22Hz to 22kHz
98
Signal-to-Noise Ratio
SNR
RL = 32
Ω,
POUT = 50mW
A-weighted
101
dB
Slew Rate
SR
0.5
V/µs
Capacitive Drive
CL
No sustained oscillations
100
pF
Crosstalk
L to R, R to L, f = 10kHz, RL = 16
Ω, POUT =
15mW
-70
dB
Charge-Pump Oscillator
Frequency
fOSC
190
270
400
kHz
Into shutdown
-67
Click-and-Pop Level
KCP
RL = 32
Ω, peak voltage,
A-weighted, 32 samples per
second (Note 5)
Out of
shutdown
-64
dB
DIGITAL INPUTS (
SHDN)
Input Voltage High
VINH
2V
Input Voltage Low
VINL
0.8
V
Input Leakage Current
±1
µA
Note 3: All specifications are 100% tested at TA = +25°C; temperature limits are guaranteed by design.
Note 4: Gain for the MAX9728A is adjustable.
Note 5: Test performed with a 32
Ω resistive load connected to GND. Mode transitions are controlled by SHDN. KCP level is calculat-
ed as 20log[(peak voltage during mode transition, no input signal)/(peak voltage under normal operation at rated power
level)]. Units are expressed in dB.


Similar Part No. - MAX9728B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9728B MAXIM-MAX9728B Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9728BETC MAXIM-MAX9728BETC Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728BETC++ MAXIM-MAX9728BETC+ Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9728BEUD MAXIM-MAX9728BEUD Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728BEUD++ MAXIM-MAX9728BEUD+ Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results

Similar Description - MAX9728B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9722A MAXIM-MAX9722A_07 Datasheet
498Kb / 21P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
MAX9722A MAXIM-MAX9722A Datasheet
627Kb / 20P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 0; 10/03
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com