Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9860 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9860
Description  16-Bit Mono Audio Voice Codec
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9860 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9860_09 Datasheet HTML 5Page - Maxim Integrated Products MAX9860_09 Datasheet HTML 6Page - Maxim Integrated Products MAX9860_09 Datasheet HTML 7Page - Maxim Integrated Products MAX9860_09 Datasheet HTML 8Page - Maxim Integrated Products MAX9860_09 Datasheet HTML 9Page - Maxim Integrated Products MAX9860_09 Datasheet HTML 10Page - Maxim Integrated Products MAX9860_09 Datasheet HTML 11Page - Maxim Integrated Products MAX9860_09 Datasheet HTML 12Page - Maxim Integrated Products MAX9860_09 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
16-Bit Mono Audio Voice Codec
_______________________________________________________________________________________
9
TOTAL HARMONIC DISTORTION + NOISE
vs. OUTPUT POWER (DAC TO HP)
OUTPUT POWER (mW)
25
20
15
10
5
0.01
0.1
1
10
0.001
030
RL = 32
Ω
f = 3.5kHz
f = 1kHz
f = 20kHz
TOTAL HARMONIC DISTORTION + NOISE
vs. OUTPUT POWER (DAC TO HP)
OUTPUT POWER (mW)
50
40
30
20
10
0.01
0.1
1
10
0.001
060
RL = 16
Ω
f = 3.5kHz
f = 1kHz
f = 20kHz
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (DAC TO HP)
FREQUENCY (kHz)
1
0.1
0.01
0.1
1
10
0.001
0.01
10
RL = 32
Ω
POUT = 5mW
POUT = 20mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (DAC TO HP)
FREQUENCY (kHz)
1
0.1
0.01
0.1
1
10
0.001
0.01
10
RL = 16
Ω
POUT = 5mW
POUT = 20mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (MICL TO ADC)
FREQUENCY (kHz)
10
1
0.1
0.01
0.1
1
10
0.001
0.01
100
MICPRE = 0dB
VIN = 1VP-P
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (MICL TO ADC)
FREQUENCY (kHz)
10
1
0.1
0.1
1
10
0.01
0.01
100
MICPRE = +20dB
VIN = 100mVP-P
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY (MICL TO ADC)
FREQUENCY (kHz)
10
1
0.1
0.01
0.1
1
10
0.001
0.01
100
MICPRE = +30dB
VIN = 31VP-P
HEADPHONE OUTPUT POWER
vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
125
100
75
50
25
10
20
30
40
50
60
0
0
150
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (DAC TO HP)
FREQUENCY (kHz)
10
1
0.1
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-120
0.01
100
Typical Operating Characteristics
(VAVDD = +1.8V, VDVDD = VDVDDIO = +1.8V, RL =
∞, headphone load (RL) connected between OUTP and OUTN, CREF = 2.2µF,
CPREG = CREG = 1µF, CMICBIAS = 1µF AVMICPGA = 0dB, AVPRE = +20dB, MCLK = 13MHz, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9860_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9860_0912 MAXIM-MAX9860_0912 Datasheet
4Mb / 21P
   Evaluation Kit
Rev 0; 12/09
More results

Similar Description - MAX9860_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Cirrus Logic
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
   16-Bit Stereo Audio Codec
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
logo
Nuvoton Technology Corp...
NAU8811 NUVOTON-NAU8811 Datasheet
2Mb / 87P
   Mono Audio Codec with SPI
logo
Suzhou Everest Semicond...
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
   Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com