Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9920 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9920
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9920 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9920 Datasheet HTML 3Page - Maxim Integrated Products MAX9920 Datasheet HTML 4Page - Maxim Integrated Products MAX9920 Datasheet HTML 5Page - Maxim Integrated Products MAX9920 Datasheet HTML 6Page - Maxim Integrated Products MAX9920 Datasheet HTML 7Page - Maxim Integrated Products MAX9920 Datasheet HTML 8Page - Maxim Integrated Products MAX9920 Datasheet HTML 9Page - Maxim Integrated Products MAX9920 Datasheet HTML 10Page - Maxim Integrated Products MAX9920 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
-20V to +75V Input Range, Precision
Uni-/Bidirectional, Current-Sense Amplifiers
_______________________________________________________________________________________
7
Typical Operating Characteristics
(VCC = 5V, TA = +25°C, unless otherwise noted.)
VOS
(VRS+ = +14V)
OFFSET VOLTAGE (
FV)
240 320
-240-160 -80 0
80 160
-320
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
-400
400
VOS DRIFT
(VRS+ = +14V)
OFFSET VOLTAGE (
FV/°C)
3
2
1
0
-1
-2
-3
0.05
0.10
0.15
0.20
0.25
0.30
0
-4
4
VOS
(VRS+ = -2V)
OFFSET VOLTAGE (
FV)
320
240
160
80
0
-80
-160
-240
-320
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
-400
400
VOS DRIFT
(VRS+ = -2V)
OFFSET VOLTAGE (
FV/°C)
8
46
-6
-4
-2
0
2
-8
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0
-10
10
VOS vs. VCM
VCM (V)
70
60
40 50
0
10 20 30
-10
-400
-300
-200
-100
0
100
200
300
400
500
-500
-20
80
TA = -40°C
TA = +25°C
MAX9918ASA
VCC = 5V
VREF = GND
TA = +125°C
VOS vs. VCC
VCC (V)
5.4
5.3
5.1 5.2
4.7 4.8 4.9 5.0
4.6
-75
-50
-25
0
25
50
75
100
125
-100
4.5
5.5
MAX9918ASA
VCC = 5V
VREF = GND
VCM = -2V
VCM = 14V
0
0.1 0.2 0.3
-0.4 -0.3 -0.2 -0.1
0.4
GAIN ERROR
(VRS+ = +14V, MAX9919F, AV = +45V/V)
GAIN ERROR (%)
0.1
0.2
0.3
0.4
0.5
0.6
0
0
0.1 0.2 0.3
-0.4 -0.3 -0.2 -0.1
0.4
GAIN ERROR (%)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
GAIN ERROR
(VRS+ = +14V, MAX9919N, AV = +90V/V)
0
0.1 0.2 0.3
-0.4 -0.3 -0.2 -0.1
0.4
GAIN ERROR
(VRS+ = -2V, MAX9919F, AV = +45V/V)
GAIN ERROR (%)
0.1
0.2
0.3
0.4
0.5
0.6
0


Similar Part No. - MAX9920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9920 MAXIM-MAX9920 Datasheet
107Kb / 7P
   Fully Assembled and Tested
Rev 0; 4/09
MAX9920ASA MAXIM-MAX9920ASA Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9920ASA MAXIM-MAX9920ASA Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9920ASA++ MAXIM-MAX9920ASA+ Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9920ASA++ MAXIM-MAX9920ASA+ Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
More results

Similar Description - MAX9920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9928F MAXIM-MAX9928F_12 Datasheet
261Kb / 14P
   -0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
   High temperature, high voltage, precision, bidirectional current sense amplifiers
September 2021 Rev 1
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
   Precision, Extended Input Range Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com