Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9920 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9920
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9920 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9920 Datasheet HTML 6Page - Maxim Integrated Products MAX9920 Datasheet HTML 7Page - Maxim Integrated Products MAX9920 Datasheet HTML 8Page - Maxim Integrated Products MAX9920 Datasheet HTML 9Page - Maxim Integrated Products MAX9920 Datasheet HTML 10Page - Maxim Integrated Products MAX9920 Datasheet HTML 11Page - Maxim Integrated Products MAX9920 Datasheet HTML 12Page - Maxim Integrated Products MAX9920 Datasheet HTML 13Page - Maxim Integrated Products MAX9920 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
-20V to +75V Input Range, Precision
Uni-/Bidirectional, Current-Sense Amplifiers
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)
ICC vs. VCC
VCC (V)
5.4
5.3
5.1 5.2
4.7 4.8 4.9 5.0
4.6
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
4.5
5.5
VCM = 14V
VSENSE = 0V
VCM = -2V
ICC vs.VCM
VCM (V)
70
60
40 50
0 10 20 30
-10
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.4
-20
80
TA = +125NC
TA = +25NC TA = -40NC
VSENSE = 0V (DASH)
VSENSE + 50mV (SOLID
IBIAS vs. VCM
VCM (V)
70
60
40 50
0 10 20 30
-10
-80
-60
-40
-20
0
20
40
60
80
100
-100
-20
80
MAX9918
VCC = 5V
INPUT LEAKAGE CURRENT vs. VCM
VCM (V)
60
40
20
0
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
-50
-20
80
IN+ - IN- = 50mV
VCC = VSHDN = 0V
VREFIN = 0V
TA = +125NC
TA = +25NC
TA = -40NC
DIFFERENTIAL RIN vs. VCM
VCM (V)
55
40
25
10
-5
100
200
300
400
500
600
700
800
900
1000
0
-20
70
GAIN vs. FREQUENCY
FREQUENCY (MHz)
1
0.1
0.01
-30
-20
-10
0
10
20
30
40
50
-40
0.001
10
MAX9918
VCM = 14V
GAIN = 90V/V
GAIN vs. FREQUENCY
FREQUENCY (MHz)
1
0.1
0.01
-50
-40
-30
-20
-10
0
10
20
30
40
-60
0.001
10
MAX9920
VCM = 14V
GAIN = 20V/V
GAIN vs. FREQUENCY
FREQUENCY (MHz)
10
1
0.1
0.01
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
-100
0.001
100
MAX9918
VCM = 14V
GAIN = 90V/V
VCM = -2V
VCM = 14V
PSRR vs. FREQUENCY
FREQUENCY (kHz)
1k
100
10
1
0.1
0.01
0.001
-120
-100
-80
-60
-40
-20
0
-140
0.0001
10k
MAX9918
VCM = 14V
VSENSE = 50mV


Similar Part No. - MAX9920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9920 MAXIM-MAX9920 Datasheet
107Kb / 7P
   Fully Assembled and Tested
Rev 0; 4/09
MAX9920ASA MAXIM-MAX9920ASA Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9920ASA MAXIM-MAX9920ASA Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9920ASA++ MAXIM-MAX9920ASA+ Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9920ASA++ MAXIM-MAX9920ASA+ Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
More results

Similar Description - MAX9920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9928F MAXIM-MAX9928F_12 Datasheet
261Kb / 14P
   -0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
   High temperature, high voltage, precision, bidirectional current sense amplifiers
September 2021 Rev 1
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
   Precision, Extended Input Range Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com