Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB20100CTD Datasheet(PDF) 5 Page - Motorola, Inc

Part # MBRB20100CTD
Description  SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRB20100CTD Datasheet(HTML) 5 Page - Motorola, Inc

  MBRB20100CTD Datasheet HTML 1Page - Motorola, Inc MBRB20100CTD Datasheet HTML 2Page - Motorola, Inc MBRB20100CTD Datasheet HTML 3Page - Motorola, Inc MBRB20100CTD Datasheet HTML 4Page - Motorola, Inc MBRB20100CTD Datasheet HTML 5Page - Motorola, Inc MBRB20100CTD Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MBRB20100CT
5
Rectifier Device Data
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.340
0.380
8.64
9.65
B
0.380
0.405
9.65
10.29
C
0.160
0.190
4.06
4.83
D
0.020
0.035
0.51
0.89
E
0.045
0.055
1.14
1.40
G
0.100 BSC
2.54 BSC
H
0.080
0.110
2.03
2.79
J
0.018
0.025
0.46
0.64
K
0.090
0.110
2.29
2.79
S
0.575
0.625
14.60
15.88
V
0.045
0.055
1.14
1.40
STYLE 3:
PIN 1. ANODE
2. CATHODE
3. ANODE
4. CATHODE
CASE 418B–02
ISSUE B
SEATING
PLANE
B
S
G
D
–T–
M
0.13 (0.005)
T
23
1
4
3 PL
K
J
H
V
E
C
A


Similar Part No. - MBRB20100CTD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT Datasheet
58Kb / 2P
   20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
logo
Vishay Siliconix
MBRB20100CT VISHAY-MBRB20100CT Datasheet
154Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 24-Jun-09
logo
Micro Commercial Compon...
MBRB20100CT MCC-MBRB20100CT Datasheet
259Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB20100CT MCC-MBRB20100CT Datasheet
96Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Sangdest Microelectroni...
MBRB20100CT SMC-MBRB20100CT Datasheet
229Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - MBRB20100CTD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
logo
Motorola, Inc
MBRB2545CT MOTOROLA-MBRB2545CT Datasheet
109Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB1545CT MOTOROLA-MBRB1545CT Datasheet
110Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB2535CTL ONSEMI-MBRB2535CTL Datasheet
61Kb / 5P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
January, 2007 ??Rev. 6
logo
Motorola, Inc
MBRB2535CTL MOTOROLA-MBRB2535CTL Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB2545CT ONSEMI-MBRB2545CT Datasheet
61Kb / 5P
   SWITCHMODE Power Rectifier D2PAK Surface Mount Power Package
March, 2007 ??Rev. 10
MURB1620CTG ONSEMI-MURB1620CTG Datasheet
106Kb / 5P
   SWITCHMODE Power Rectifier D2PAK Power Surface Mount Package
November, 2012 ??Rev. 7
logo
Motorola, Inc
MBRD1035CTL MOTOROLA-MBRD1035CTL Datasheet
158Kb / 6P
   SWITCHMODE??Schottky Rectifier D2PAK Power Surface Mount Package
logo
ON Semiconductor
MBRB2515L ONSEMI-MBRB2515L Datasheet
60Kb / 4P
   SWITCHMODE Power Rectifier ORing Function Diode D2PAK Surface Mount Power Package
September, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com