Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9919FASA+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9919FASA+
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9919FASA+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9919FASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX9919FASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX9919FASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX9919FASA+ Datasheet HTML 10Page - Maxim Integrated Products MAX9919FASA+ Datasheet HTML 11Page - Maxim Integrated Products MAX9919FASA+ Datasheet HTML 12Page - Maxim Integrated Products MAX9919FASA+ Datasheet HTML 13Page - Maxim Integrated Products MAX9919FASA+ Datasheet HTML 14Page - Maxim Integrated Products MAX9919FASA+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
-20V to +75V Input Range, Precision
Uni-/Bidirectional, Current-Sense Amplifiers
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(VCC = 5V, TA = +25°C, unless otherwise noted.)
SMALL-SIGNAL TRANSIENT
(GAIN = 45V/V)
MAX9918 toc31
50mV/div
10Fs/div
5mV/div
MAX9918, VCM = 14V
VSENSE = 10mV TO 15mV
SMALL-SIGNAL TRANSIENT
(GAIN = 90V/V)
MAX9918 toc32
100mV/div
10Fs/div
5mV/div
MAX9918, VCM = 14V
VSENSE = 10mV TO 15mV
LARGE-SIGNAL TRANSIENT
(GAIN = 45V/V)
MAX9918 toc33
500mV/div
10Fs/div
50mV/div
MAX9918, VCM = 14V
VSENSE = 0V TO 50mV
LARGE-SIGNAL TRANSIENT
(GAIN = 90V/V)
MAX9918 toc34
1V/div
10Fs/div
50mV/div
MAX9918, VCM = 14V
VSENSE = 0 TO 50mV
OUTPUT RESPONSE TO
COMMON-MODE TRANSIENT
MAX9918 toc36
VOUT
100mV/div
VCM
50V/div
0
4µs/div
OUTPUT AC-COUPLED
FULL SCALE
AT THE INPUT
COMMON-MODE STEP RESPONSE
MAX9918 toc35
1V/div
10Fs/div
10V/div
MAX9918, VCM = 14V
SSENSE = PS (50mV)


Similar Part No. - MAX9919FASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9919FASA++ MAXIM-MAX9919FASA+ Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9919FASA++ MAXIM-MAX9919FASA+ Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
More results

Similar Description - MAX9919FASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9928F MAXIM-MAX9928F_12 Datasheet
261Kb / 14P
   -0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
   High temperature, high voltage, precision, bidirectional current sense amplifiers
September 2021 Rev 1
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
   Precision, Extended Input Range Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com