Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9931 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9931
Description  2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9931 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9931 Datasheet HTML 4Page - Maxim Integrated Products MAX9931 Datasheet HTML 5Page - Maxim Integrated Products MAX9931 Datasheet HTML 6Page - Maxim Integrated Products MAX9931 Datasheet HTML 7Page - Maxim Integrated Products MAX9931 Datasheet HTML 8Page - Maxim Integrated Products MAX9931 Datasheet HTML 9Page - Maxim Integrated Products MAX9931 Datasheet HTML 10Page - Maxim Integrated Products MAX9931 Datasheet HTML 11Page - Maxim Integrated Products MAX9931 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2MHz to 1.6GHz 45dB RF-Detecting
Controllers and RF Detector
8
_______________________________________________________________________________________
MAX9933
OUTPUT AND LOG CONFORMANCE
vs. INPUT POWER AT 50MHz
MAX9930 toc37
INPUT POWER (dBm)
0
-10
-50
-40
-30
-20
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-60
10
TA = -40°C
TA = +25°C
TA = +85°C
MAX9933
OUTPUT AND LOG CONFORMANCE
vs. INPUT POWER AT 900MHz
MAX9930 toc38
INPUT POWER (dBm)
0
-10
-50
-40
-30
-20
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-60
10
TA = -40°C
TA = +25°C
TA = +85°C
MAX9933
OUTPUT AND LOG CONFORMANCE
vs. INPUT POWER AT 1.6GHz
MAX9930 toc39
INPUT POWER (dBm)
0
-10
-50
-40
-30
-20
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-60
10
TA = -40°C
TA = +25°C
TA = +85°C
MAX9933
LOG SLOPE vs. FREQUENCY
FREQUENCY (MHz)
1500
1200
900
600
300
24
25
26
27
28
29
23
0
1800
TA = -40°C
TA = +25°C
TA = +85°C
MAX9933
LOG SLOPE vs. VCC
VCC (V)
5.0
4.5
4.0
3.5
3.0
23
24
25
26
27
28
29
22
2.5
5.5
2MHz
50MHz
900MHz
1.6GHz
MAX9933
LOG INTERCEPT vs. FREQUENCY
FREQUENCY (MHz)
1200
800
400
-62
-60
-58
-56
-54
-52
-64
0
1600
TA = -40°C
TA = +25°C
TA = +85°C
MAX9933
LOG INTERCEPT vs. VCC
VCC (V)
5.0
4.5
4.0
3.5
3.0
-64
-62
-60
-58
-56
-54
-52
-66
2.5
5.5
2MHz
50MHz
900MHz
1.6GHz
MAX9933
LOG CONFORMANCE vs. TEMPERATURE
TEMPERATURE (°C)
75
50
25
0
-25
-0.1
0
0.1
0.2
0.3
0.4
-0.2
-50
100
INPUT POWER = -22dBm
fRF = 50MHz
SUPPLY CURRENT
vs. SHDN VOLTAGE
SHDN (V)
1.8
1.6
1.2 1.4
0.4 0.6 0.8 1.0
0.2
0
1
2
3
4
5
6
7
8
-1
02.0
VCC = 5.25V
Typical Operating Characteristics (continued)
(VCC = 3V, SHDN = VCC, TA = +25°C, all log conformance plots are normalized to their respective temperatures, TA = +25°C, unless
otherwise noted.)


Similar Part No. - MAX9931

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9931 MAXIM-MAX9931 Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9931 MAXIM-MAX9931 Datasheet
138Kb / 6P
   On-Board Quasi-Measurement Mode Circuitry
Rev 0; 8/07
MAX9931EUA+T MAXIM-MAX9931EUA+T Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9931EUA+T MAXIM-MAX9931EUA+T Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
More results

Similar Description - MAX9931

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930 Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
MAX4003 MAXIM-MAX4003 Datasheet
415Kb / 12P
   100MHz to 2500MHz, 45dB RF Detector in a UCSP
Rev 1; 3/03
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com