Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9930EUA+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9930EUA+T
Description  2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9930EUA+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9930EUA+T Datasheet HTML 1Page - Maxim Integrated Products MAX9930EUA+T Datasheet HTML 2Page - Maxim Integrated Products MAX9930EUA+T Datasheet HTML 3Page - Maxim Integrated Products MAX9930EUA+T Datasheet HTML 4Page - Maxim Integrated Products MAX9930EUA+T Datasheet HTML 5Page - Maxim Integrated Products MAX9930EUA+T Datasheet HTML 6Page - Maxim Integrated Products MAX9930EUA+T Datasheet HTML 7Page - Maxim Integrated Products MAX9930EUA+T Datasheet HTML 8Page - Maxim Integrated Products MAX9930EUA+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2MHz to 1.6GHz 45dB RF-Detecting
Controllers and RF Detector
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = 3V, SHDN = 1.8V, TA = -40oC to +85oC, CCLPF = 100nF, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND.)
VCC .......................................................................... -0.3V to +6V
OUT, SET, SHDN, CLPF ............................ -0.3V to (VCC + 0.3V)
RFIN
MAX9930/MAX9933 .....................................................+6dBm
MAX9931 ....................................................................+16dBm
MAX9932 ....................................................................+19dBm
Equivalent Voltage
MAX9930/MAX9933................................................. 0.45VRMS
MAX9931 ....................................................................1.4VRMS
MAX9932 ....................................................................2.0VRMS
OUT Short Circuit to GND ........................................ Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
2.70
5.25
V
Supply Current
ICC
VCC = 5.25V
7
12
mA
Shutdown Supply Current
ICC
SHDN = 0.8V, VCC = 5V
13
µA
Shutdown Output Voltage
VOUT
SHDN = 0.8V
1
mV
Logic-High Threshold Voltage
VH
1.8
V
Logic-Low Threshold Voltage
VL
0.8
V
SHDN = 3V
5
30
SHDN Input Current
ISHDN
SHDN = 0V
-1
-0.01
µA
MAIN OUTPUT (MAX9930/MAX9931/MAX9932)
High, ISOURCE = 10mA
2.65
2.75
Voltage Range
VOUT
Low, ISINK = 350µA
0.15
V
Output-Referred Noise
From CLPF
8
nV/√Hz
Small-Signal Bandwidth
BW
From CLPF
20
MHz
Slew Rate
VOUT = 0.2V to 2.6V from CLPF
8
V/µs
SET INPUT (MAX9930/MAX9931/MAX9932)
Voltage Range (Note 2)
VSET
Corresponding to central 40dB span
0.35
1.45
V
Input Resistance
RIN
30
MΩ
Slew Rate (Note 3)
16
V/µs
DETECTOR OUTPUT (MAX9933)
RFIN = 0dBm
1.45
Voltage Range
VOUT
RFIN = -45dBm
0.36
V
Small-Signal Bandwidth
BW
CCLPF = 150pF
4.5
MHz
Slew Rate
VOUT = 0.36V to 1.45V, CCLPF = 150pF
5
V/µs


Similar Part No. - MAX9930EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9930EUA+T MAXIM-MAX9930EUA+T Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9930EUA+T MAXIM-MAX9930EUA+T Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
More results

Similar Description - MAX9930EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930 Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
MAX4003 MAXIM-MAX4003 Datasheet
415Kb / 12P
   100MHz to 2500MHz, 45dB RF Detector in a UCSP
Rev 1; 3/03
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com